Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4526BN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4526BN
Description  Programmable 4-bit binary down counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4526BN Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4526BN Datasheet HTML 1Page - NXP Semiconductors HEF4526BN Datasheet HTML 2Page - NXP Semiconductors HEF4526BN Datasheet HTML 3Page - NXP Semiconductors HEF4526BN Datasheet HTML 4Page - NXP Semiconductors HEF4526BN Datasheet HTML 5Page - NXP Semiconductors HEF4526BN Datasheet HTML 6Page - NXP Semiconductors HEF4526BN Datasheet HTML 7Page - NXP Semiconductors HEF4526BN Datasheet HTML 8Page - NXP Semiconductors HEF4526BN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
January 1995
3
Philips Semiconductors
Product specification
Programmable 4-bit binary down counter
HEF4526B
MSI
Fig.2 Pinning diagram.
HEF4526BP(N):
16-lead DIL; plastic
(SOT38-1)
HEF4526BD(F):
16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4526BT(D):
16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
PINNING
PL
parallel load input
P0 to P3
parallel inputs
CF
cascade feedback input
CP0
clock input (LOW to HIGH, triggered)
CP1
clock input (HIGH to LOW, triggered)
MR
asynchronous master reset input
TC
terminal count output
O0 to O3
buffered parallel outputs
COUNTING MODE
CF = HIGH; PL = LOW; MR = LOW
COUNT
OUTPUTS
O3
O2
O1
O0
15
H
H
H
H
14
H
H
H
L
13
H
H
L
H
12
H
H
L
L
11
H
L
H
H
10
H
L
H
L
9H
L
L
H
8H
L
L
L
7L
H
H
H
6L
H
H
L
5L
H
L
H
4L
H
L
L
3L
L
H
H
2L
L
H
L
1L
L
L
H
0L
L
L
L
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
= positive-going transition
= negative-going transition
MR
PL
CP0
CP1
MODE
H
X
X
X
reset (asynchronous)
L
H
X
X
preset (asynchronous)
L
L
H
no change
L
L
L
no change
L
L
X
no change
L
L
X
no change
L
L
L
counter advances
L
L
H
counter advances


Similar Part No. - HEF4526BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
   Dual binary counter
January 1995
HEF4520B NXP-HEF4520B Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Nexperia B.V. All right...
HEF4520B NEXPERIA-HEF4520B Datasheet
219Kb / 12P
   Dual binary counter
Rev. 8 - 1 March 2022
HEF4520B-Q100 NEXPERIA-HEF4520B-Q100 Datasheet
184Kb / 14P
   Dual binary counter
logo
NXP Semiconductors
HEF4520BD PHILIPS-HEF4520BD Datasheet
64Kb / 7P
   Dual binary counter
January 1995
More results

Similar Description - HEF4526BN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
logo
Texas Instruments
CY74FCT191T TI1-CY74FCT191T_14 Datasheet
326Kb / 14P
[Old version datasheet]   4-BIT UP/DOWN BINARY COUNTER
CY74FCT191T TI-CY74FCT191T Datasheet
61Kb / 6P
[Old version datasheet]   4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com