Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4522BF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4522BF
Description  Programmable 4-bit BCD down counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4522BF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HEF4522BF Datasheet HTML 2Page - NXP Semiconductors HEF4522BF Datasheet HTML 3Page - NXP Semiconductors HEF4522BF Datasheet HTML 4Page - NXP Semiconductors HEF4522BF Datasheet HTML 5Page - NXP Semiconductors HEF4522BF Datasheet HTML 6Page - NXP Semiconductors HEF4522BF Datasheet HTML 7Page - NXP Semiconductors HEF4522BF Datasheet HTML 8Page - NXP Semiconductors HEF4522BF Datasheet HTML 9Page - NXP Semiconductors HEF4522BF Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
January 1995
7
Philips Semiconductors
Product specification
Programmable 4-bit BCD down counter
HEF4522B
MSI
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
Note
1. In the divide-by-n mode (PL connected to TC), one has to observe the maximum HIGH to LOW propagation delay
for CP to TC, before applying the next clock pulse.
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Minimum clock
5
80
40
ns
see also waveforms
Figs 5 and 6
pulse width; CP0
10
tWCPL
40
20
ns
LOW
15
30
15
ns
Minimum clock
5
80
40
ns
pulse width; CP1
10
tWCPH
40
20
ns
HIGH
15
30
15
ns
Minimum PL
5
100
50
ns
pulse width; HIGH
10
tWPLH
40
20
ns
15
32
16
ns
Minimum MR
5
130
65
ns
pulse width; HIGH
10
tWMRH
50
25
ns
15
40
20
ns
Hold time
5
30
5
ns
Pn → PL
10
thold
20
5
ns
15
15
5
ns
Set-up time
5
30
0
ns
Pn → PL
10
tsu
20
0
ns
15
15
0
ns
Maximum clock
5
6
12
MHz
see note 1
pulse frequency
10
fmax
12
25
MHz
PL = LOW
15
16
32
MHz


Similar Part No. - HEF4522BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
   Dual binary counter
January 1995
HEF4520B NXP-HEF4520B Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Nexperia B.V. All right...
HEF4520B NEXPERIA-HEF4520B Datasheet
219Kb / 12P
   Dual binary counter
Rev. 8 - 1 March 2022
HEF4520B-Q100 NEXPERIA-HEF4520B-Q100 Datasheet
184Kb / 14P
   Dual binary counter
logo
NXP Semiconductors
HEF4520BD PHILIPS-HEF4520BD Datasheet
64Kb / 7P
   Dual binary counter
January 1995
More results

Similar Description - HEF4522BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
NXP Semiconductors
74HC40102 PHILIPS-74HC40102 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
   BCD DECADE COUNTER/4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com