Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH286-P Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH286-P
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH286-P Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH286-P Datasheet HTML 2Page - Diodes Incorporated AH286-P Datasheet HTML 3Page - Diodes Incorporated AH286-P Datasheet HTML 4Page - Diodes Incorporated AH286-P Datasheet HTML 5Page - Diodes Incorporated AH286-P Datasheet HTML 6Page - Diodes Incorporated AH286-P Datasheet HTML 7Page - Diodes Incorporated AH286-P Datasheet HTML 8Page - Diodes Incorporated AH286-P Datasheet HTML 9Page - Diodes Incorporated AH286-P Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AH286
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
8 of 10
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SIP-5L
286
Part Number
Y :Year:
( Front View )
"2" = 2002
"1" = 2001
Y WWX x
WW : Nth week 01~52
X : Internal Code: A ~ Z
Internal code a~z: Lead Free
(2) SOT89-5L
1
2
3
5
4
286 Y M X
Y : Year: 0-9
M : Month: A~L
X : Internal code a~z: Lead Free


Similar Part No. - AH286-P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH286-PL ANACHIP-AH286-PL Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH286-PLA ANACHIP-AH286-PLA Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
More results

Similar Description - AH286-P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com