Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH175-PL-A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH175-PL-A
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH175-PL-A Datasheet(HTML) 4 Page - Diodes Incorporated

  AH175-PL-A Datasheet HTML 1Page - Diodes Incorporated AH175-PL-A Datasheet HTML 2Page - Diodes Incorporated AH175-PL-A Datasheet HTML 3Page - Diodes Incorporated AH175-PL-A Datasheet HTML 4Page - Diodes Incorporated AH175-PL-A Datasheet HTML 5Page - Diodes Incorporated AH175-PL-A Datasheet HTML 6Page - Diodes Incorporated AH175-PL-A Datasheet HTML 7Page - Diodes Incorporated AH175-PL-A Datasheet HTML 8Page - Diodes Incorporated AH175-PL-A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH180 Rev. 5
4 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Output On Voltage
Vout
Iout=1mA
0.1
0.3
V
Output Leakage Current
Ioff
Vout=5.5V, B < Brp
<
0.1
1
µA
Idd(en)
Chip enable
3
6
mA
Idd(dis)
Chip disable
5
10
µA
Supply Current
Idd(avg)
Average supply current
8
16
µA
Awake Time
Tawake
75
125
µs
Period
Tperiod
75
125
ms
Duty Cycle
D.C.
0.1
%
Magnetic Characteristics (TA=25°C, Vdd=3V)
(1mT=10 Gauss)
Characteristic
Symbol
Min
Typ
Max
Unit
Bops(south pole to brand side)
-
40
60
Operate Point
Bopn(north pole to brand side)
-60
-40
-
Brps(south pole to brand side)
10
30
-
Release Point
Brpn(north pole to brand side)
-
-30
-10
Hysteresis
Bhy(
Brpx
Bopx
)
-
15
-
Gauss
Notes:
9.
Typical data is at Ta = 25
°C, Vdd = 3V, and for design information only.
10.
Operating point and release point will vary with supply voltage and operating temperature.
Bhy
Vsat
Vcc
Bopn
Brpn
0
( Magnetic flux density B )
Output
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brps
Bops
0
( Magnetic flux density B )
Output
Turn off
Turn on
( off-state )
( on-state )
Electrical Characteristics ( TA = +25°C, Vdd = 3V; unless otherwise specified)


Similar Part No. - AH175-PL-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175-PL-A ANACHIP-AH175-PL-A Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175-PL-A-A DIODES-AH175-PL-A-A Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175-PL-A-A DIODES-AH175-PL-A-A Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175-PL-A-B DIODES-AH175-PL-A-B Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175-PL-A-B DIODES-AH175-PL-A-B Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
More results

Similar Description - AH175-PL-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH180 DIODES-AH180_10 Datasheet
248Kb / 13P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N DIODES-AH180N Datasheet
194Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com