Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH183 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH183
Description  LOW POWER HALL EFFECT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH183 Datasheet(HTML) 6 Page - Diodes Incorporated

  AH183 Datasheet HTML 1Page - Diodes Incorporated AH183 Datasheet HTML 2Page - Diodes Incorporated AH183 Datasheet HTML 3Page - Diodes Incorporated AH183 Datasheet HTML 4Page - Diodes Incorporated AH183 Datasheet HTML 5Page - Diodes Incorporated AH183 Datasheet HTML 6Page - Diodes Incorporated AH183 Datasheet HTML 7Page - Diodes Incorporated AH183 Datasheet HTML 8Page - Diodes Incorporated AH183 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
6 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristics
( SIP-3L )
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P o w e r D is s ip at ion C u r v e
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 5
5 0
7 5
1 00
12 5
1 5 0
Ta (
° C)
Pd ( m W )
85
Performance Characteristics
( SC59 )
Ta (
°C)
25
50
60
70
80
85
90
100
110
120
125
130
140
150
Pd (mW) 230
184
166
147
129
120
110
92
74
55
46
37
18
0
Power Dissipation Curve
0
100
200
300
0
255075
100
125
150
Ta (°C)
Pd (mW)
85


Similar Part No. - AH183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH183 ETC-AH183 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Diodes Incorporated
AH183 DIODES-AH183 Datasheet
141Kb / 10P
   LOW POWER HALL EFFECT SWITCH
More results

Similar Description - AH183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
   LOW POWER HALL EFFECT SWITCH
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
   LOW POWER HALL EFFECT SWITCH
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
   LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com