Part Name
         Description
AH182

 LOW POWER HALL EFFECT SWITCH ( 9 Page)


DIODES
100% 
Zoom Out Zoom In
   
 6 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
6 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristics
( SIP-3L )
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P o w e r D is s ip at ion C u r v e
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 5
5 0
7 5
1 00
12 5
1 5 0
Ta (
° C)
Pd ( m W )
85
Performance Characteristics
( SC59 )
Ta (
°C)
25
50
60
70
80
85
90
100
110
120
125
130
140
150
Pd (mW) 230
184
166
147
129
120
110
92
74
55
46
37
18
0
Power Dissipation Curve
0
100
200
300
0
255075
100
125
150
Ta (°C)
Pd (mW)
85



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADG7872.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch 1 2 3 4 5 MoreAnalog Devices
IPS2041RPBFINTELLIGENT POWER LOW SIDE SWITCH 1 2 3 4 5 MoreInternational Rectifier
IPS1051LPBFSINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH 1 2 3 4 5 MoreInternational Rectifier
A1147_06Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches 1 2 3 4 5 MoreAllegro MicroSystems
FSTU32X384_0620-Bit Low Power Bus Switch with −2V Undershoot Protection 1 2 3 4 5 MoreFairchild Semiconductor
74FST3384_0610−Bit Low Power Bus Switch 1 2 3 4 5 MoreON Semiconductor
A1391Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode 1 2 3 4 5 MoreAllegro MicroSystems
XC62150.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch 1 2 3 4 5 MoreTorex Semiconductor
A3260_062-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch 1 2 3 4 5 MoreAllegro MicroSystems
NCP1030_06Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl