Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4528B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4528B
Description  Dual monostable multivibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4528B Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4528B Datasheet HTML 1Page - NXP Semiconductors HEF4528B Datasheet HTML 2Page - NXP Semiconductors HEF4528B Datasheet HTML 3Page - NXP Semiconductors HEF4528B Datasheet HTML 4Page - NXP Semiconductors HEF4528B Datasheet HTML 5Page - NXP Semiconductors HEF4528B Datasheet HTML 6Page - NXP Semiconductors HEF4528B Datasheet HTML 7Page - NXP Semiconductors HEF4528B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
January 1995
6
Philips Semiconductors
Product specification
Dual monostable multivibrator
HEF4528B
MSI
Notes
1. Rt =5kΩ;Ct = 15 pF; for other Rt,Ct combinations and Ct < 0,01 µF see graph Fig.4.
2. Rt =10kΩ;Ct = 1000 pF; for other Rt,Ct combinations and Ct > 0,01 µF use formula tWO = K.Rt.Ct.
where: tWO = output pulse width (s)
Rt = external timing resistor (Ω)
Ct = external timing capacitor (F)
K = 0,42 for VDD =5V
K = 0,32 for VDD =10V
K = 0,30 for VDD =15V
3. Tamb = −40 to +85 °C; ∆tWO is referenced to tWO at Tamb =25 °C.
External timing
5
5
2000
k
resistor
10
Rt
5
2000
k
15
5
2000
k
External timing
5
no limits
capacitor
10
Ct
no limits
15
no limits
VDD
V
SYMBOL
MIN.
TYP.
MAX.


Similar Part No. - HEF4528B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
logo
NXP Semiconductors
HEF4528BP NXP-HEF4528BP Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
HEF4528BT NXP-HEF4528BT Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results

Similar Description - HEF4528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com