Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-RFM-008B Datasheet(PDF) 3 Page - Texas Instruments

Part # RI-RFM-008B
Description  SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-008B Datasheet(HTML) 3 Page - Texas Instruments

  RI-RFM-008B Datasheet HTML 1Page - Texas Instruments RI-RFM-008B Datasheet HTML 2Page - Texas Instruments RI-RFM-008B Datasheet HTML 3Page - Texas Instruments RI-RFM-008B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
RI-RFM-008B-00
ACTIVE
1
1
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jan-2007
Addendum-Page 1


Similar Part No. - RI-RFM-008B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-008B TI1-RI-RFM-008B Datasheet
97Kb / 4P
[Old version datasheet]   SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
RI-RFM-008B-30 TI-RI-RFM-008B-30 Datasheet
137Kb / 5P
[Old version datasheet]   HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
RI-RFM-008B-30 TI1-RI-RFM-008B-30 Datasheet
97Kb / 4P
[Old version datasheet]   SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
More results

Similar Description - RI-RFM-008B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ACC-008B-00 TI1-RI-ACC-008B-00 Datasheet
97Kb / 4P
[Old version datasheet]   SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
RI-ANT-S01C TI1-RI-ANT-S01C_17 Datasheet
419Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
RI-ANT-S01C TI-RI-ANT-S01C Datasheet
252Kb / 3P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
RI-ANT-S01C TI1-RI-ANT-S01C_16 Datasheet
423Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
logo
SUN HOLD ELECTRIC INC
RFM-1C-P-2-D SUNHOLD-RFM-1C-P-2-D Datasheet
1Mb / 2P
   RFM SERIES
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
   Antenna tuning circuit
February 2014 Rev 1
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
   Antenna tuning circuit with turbo and glide
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
   Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Laird Tech Smart Techno...
B1443 LSTD-B1443 Datasheet
542Kb / 2P
   High performance mobile antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com