Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6551 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HM-6551
Description  256 x 4 CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6551 Datasheet(HTML) 5 Page - Intersil Corporation

  HM-6551_03 Datasheet HTML 1Page - Intersil Corporation HM-6551_03 Datasheet HTML 2Page - Intersil Corporation HM-6551_03 Datasheet HTML 3Page - Intersil Corporation HM-6551_03 Datasheet HTML 4Page - Intersil Corporation HM-6551_03 Datasheet HTML 5Page - Intersil Corporation HM-6551_03 Datasheet HTML 6Page - Intersil Corporation HM-6551_03 Datasheet HTML 7Page - Intersil Corporation HM-6551_03 Datasheet HTML 8Page - Intersil Corporation HM-6551_03 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
TABLE 3. HM-6551B/883 AND HM-6551/883 ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CI
VCC = Open, f = 1MHz, All
Measurements Referenced to
Device Ground
1
TA = +25°C
-
10
pF
Output Capacitance
CO
VCC = Open, f = 1MHz, All
Measurements Referenced to
Device Ground
1
TA = +25°C
-
12
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters are characterized upon initial design and after major process
and/or design changes.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%/5004
1
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C & D
Samples/5005
1, 7, 9
HM-6551/883
HM-6551/883


Similar Part No. - HM-6551_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6551883 INTERSIL-HM-6551883 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6551B883 INTERSIL-HM-6551B883 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results

Similar Description - HM-6551_03

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com