Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4515BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4515BF
Description  1-of-16 decoder/demultiplexer with input latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4515BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4515BF Datasheet HTML 1Page - NXP Semiconductors HEF4515BF Datasheet HTML 2Page - NXP Semiconductors HEF4515BF Datasheet HTML 3Page - NXP Semiconductors HEF4515BF Datasheet HTML 4Page - NXP Semiconductors HEF4515BF Datasheet HTML 5Page - NXP Semiconductors HEF4515BF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
January 1995
4
Philips Semiconductors
Product specification
1-of-16 decoder/demultiplexer with input latches
HEF4515B
MSI
TRUTH TABLE
Notes
1. EL = HIGH; H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage); X = state is immaterial
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
INPUTS
OUTPUTS
EA0
A1
A2
A3
O0
O1
O2
O3
O4
O5
O6
O7
O8
O9 O10 O11 O12 O13 O14 O15
H
X
X
X
X
H
H
H
H
H
H
H
H
H
H
H
HHHHH
L
L
L
L
LL
H
H
H
H
H
H
H
H
H
H
HHHHH
L
H
L
L
L
H
L
H
H
H
H
H
H
H
H
H
HHHHH
L
L
H
L
L
H
H
L
H
H
H
H
H
H
H
H
HHHHH
L
H
H
L
L
H
H
H
L
H
H
H
H
H
H
H
HHHHH
L
L
L
H
L
H
H
H
H
L
H
H
H
H
H
H
HHHHH
L
H
L
H
L
H
H
H
H
H
L
H
H
H
H
H
HHHHH
L
L
H
H
L
H
H
H
H
H
H
L
H
H
H
H
HHHHH
L
H
H
H
L
H
H
H
H
H
H
H
L
H
H
H
HHHHH
L
L
L
L
H
H
H
H
H
H
H
H
H
L
H
H
HHHHH
L
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
HHHHH
L
L
H
L
H
H
H
H
H
H
H
H
H
H
H
L
HHHHH
L
H
H
L
H
H
H
H
H
H
H
H
H
H
H
H
L
HHHH
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
HHH
LH
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
H
LL
HH
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
HHHH
L
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
An, EL → On
5
260
520
ns
233 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
95
190
ns
84 ns
+ (0,23 ns/pF) CL
15
65
130
ns
57 ns
+ (0,16 ns/pF) CL
5
270
550
ns
243 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
95
190
ns
84 ns
+ (0,23 ns/pF) CL
15
65
130
ns
57 ns
+ (0,16 ns/pF) CL
E
→ On
5
175
350
ns
148 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
65
130
ns
54 ns
+ (0,23 ns/pF) CL
15
45
90
ns
37 ns
+ (0,16 ns/pF) CL
5
200
400
ns
173 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
70
140
ns
59 ns
+ (0,23 ns/pF) CL
15
50
100
ns
42 ns
+ (0,16 ns/pF) CL


Similar Part No. - HEF4515BF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4515B NEXPERIA-HEF4515B Datasheet
193Kb / 7P
   1-of-16 decoder/demultiplexer with input latches
January 1995
HEF4515BD NEXPERIA-HEF4515BD Datasheet
193Kb / 7P
   1-of-16 decoder/demultiplexer with input latches
January 1995
HEF4515BP NEXPERIA-HEF4515BP Datasheet
193Kb / 7P
   1-of-16 decoder/demultiplexer with input latches
January 1995
HEF4515BT NEXPERIA-HEF4515BT Datasheet
193Kb / 7P
   1-of-16 decoder/demultiplexer with input latches
January 1995
More results

Similar Description - HEF4515BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4514B PHILIPS-HEF4514B Datasheet
73Kb / 6P
   1-of-16 decoder/demultiplexer with input latches
January 1995
logo
Nexperia B.V. All right...
HEF4515B NEXPERIA-HEF4515B Datasheet
193Kb / 7P
   1-of-16 decoder/demultiplexer with input latches
January 1995
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
logo
NXP Semiconductors
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
logo
System Logic Semiconduc...
SL74HC154 SLS-SL74HC154 Datasheet
98Kb / 7P
   1- of-16 Decoder/Demultiplexer
logo
Integral Corp.
IN74HC154 INTEGRAL-IN74HC154 Datasheet
126Kb / 6P
   1-OF-16 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74F154 PHILIPS-74F154 Datasheet
84Kb / 8P
   1-of-16 decoder/demultiplexer
1990 Jan 08
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com