Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ82C55AZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # CQ82C55AZ
Description  CMOS Programmable Peripheral Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CQ82C55AZ Datasheet(HTML) 1 Page - Intersil Corporation

  CQ82C55AZ Datasheet HTML 1Page - Intersil Corporation CQ82C55AZ Datasheet HTML 2Page - Intersil Corporation CQ82C55AZ Datasheet HTML 3Page - Intersil Corporation CQ82C55AZ Datasheet HTML 4Page - Intersil Corporation CQ82C55AZ Datasheet HTML 5Page - Intersil Corporation CQ82C55AZ Datasheet HTML 6Page - Intersil Corporation CQ82C55AZ Datasheet HTML 7Page - Intersil Corporation CQ82C55AZ Datasheet HTML 8Page - Intersil Corporation CQ82C55AZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN2969.10
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
82C55A
CMOS Programmable Peripheral Interface
The Intersil 82C55A is a high performance CMOS version of
the industry standard 8255A and is manufactured using a
self-aligned silicon gate CMOS process (Scaled SAJI IV). It
is a general purpose programmable I/O device which may
be used with many different microprocessors. There are 24
I/O pins which may be individually programmed in 2 groups
of 12 and used in 3 major modes of operation. The high
performance and industry standard configuration of the
82C55A make it compatible with the 80C86, 80C88 and
other microprocessors.
Static CMOS circuit design insures low operating power. TTL
compatibility over the full military temperature range and bus
hold circuitry eliminate the need for pull-up resistors. The
Intersil advanced SAJI process results in performance equal
to or greater than existing functionally equivalent products at
a fraction of the power.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
(See Ordering Info)
• Pin Compatible with NMOS 8255A
• 24 Programmable I/O Pins
• Fully TTL Compatible
• High Speed, No “Wait State” Operation with 5MHz and
8MHz 80C86 and 80C88
• Direct Bit Set/Reset Capability
• Enhanced Control Word Read Capability
• L7 Process
• 2.5mA Drive Capability on All I/O Ports
• Low Standby Power (ICCSB) . . . . . . . . . . . . . . . . . . .10
μA
Ordering Information
PART NUMBERS
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
5MHz
PART
MARKING
8MHz
PART
MARKING
CP82C55A-5
CP82C55A-5
CP82C55A
CP82C55A
0 to +70
40 Ld PDIP
E40.6
CP82C55A-5Z (Note)
CP82C55A-5Z CP82C55AZ (Note)
CP82C55AZ
0 to +70
40 Ld PDIP (Pb-free)
IP82C55A
IP82C55A
-40 to +85
40 Ld PDIP
IP82C55AZ (Note)
IP82C55AZ
-40 to +85
40 Ld PDIP (Pb-free)
CS82C55A-5*
CS82C55A-5
CS82C55A*
CS82C55A*
0 to +70
44 Ld PLCC
N44.65
CS82C55A-5Z* (Note)
CS82C55A-5Z CS82C55AZ* (Note)
CS82C55AZ
0 to +70
44 Ld PLCC (Pb-free)
IS82C55A-5*
IS82C55A-5
IS82C55A*
IS82C55A*
-40 to +85
44 Ld PLCC
IS82C55A-5Z* (Note)
IS82C55A-5Z
IS82C55AZ* (Note)
IS82C55AZ
-40 to +85
44 Ld PLCC (Pb-free)
CQ82C55A*
CQ82C55A*
0 to +70
44 Ld MQFP
Q44.10x10
CQ82C55AZ (Note)
CQ82C55AZ
0 to +70
44 Ld MQFP (Pb-free)
IQ82C55A*
IQ82C55A*
-40 to +85
44 Ld MQFP
IQ82C55AZ* (Note)
IQ82C55AZ
-40 to +85
44 Ld MQFP (Pb-free)
ID82C55A
ID82C55A
-40 to +85
40 Ld CERDIP
F40.6
MD82C55A/B
MD82C55A/B
-55 to +125
8406602QA
8406602QA
SMD#
8406602XA
8406602XA
SMD#
44 Ld CLCC
J44.A
*Add “96” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
November 16, 2006


Similar Part No. - CQ82C55AZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CQ82C55AZ INTERSIL-CQ82C55AZ Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results

Similar Description - CQ82C55AZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com