Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317L Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM317L
Description  3-Terminal Adjustable Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317L Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM317L_06 Datasheet HTML 1Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 2Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 3Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 4Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 5Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 6Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 7Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 8Page - National Semiconductor (TI) LM317L_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation
Internally Limited
Input-Output Voltage Differential
40V
Operating Junction Temperature
Range
−40˚C to +125˚C
Storage Temperature
−55˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
260˚C
Output is Short Circuit Protected
ESD Susceptibility
Human Body Model (Note 5)
2kV
Electrical Characteristics (Note 2)
Parameter
Conditions
Min
Typ
Max
Units
Line Regulation
T
J = 25˚C, 3V
≤ (V
IN −VOUT)
≤ 40V, I
L
≤ 20mA (Note 3)
0.01
0.04
%/V
Load Regulation
T
J = 25˚C, 5mA
≤ I
OUT
≤ I
MAX, (Note 3)
0.1
0.5
%
Thermal Regulation
T
J = 25˚C, 10ms Pulse
0.04
0.2
%/W
Adjustment Pin Current
50
100
µA
Adjustment Pin Current
5mA
≤ I
L
≤ 100mA
0.2
5
µA
Change
3V
≤ (V
IN −VOUT)
≤ 40V, P ≤ 625mW
Reference Voltage
3V
≤ (V
IN −VOUT)
≤ 40V, (Note 4)
1.20
1.25
1.30
V
5mA
≤ I
OUT
≤ 100mA, P ≤ 625mW
Line Regulation
3V
≤ (V
IN −VOUT)
≤ 40V, I
L
≤ 20mA (Note 3)
0.02
0.07
%/V
Load Regulation
5mA
≤ I
OUT
≤ 100mA, (Note 3)
0.3
1.5
%
Temperature Stability
T
MIN
≤ T
J
≤ T
Max
0.65
%
Minimum Load Current
(V
IN −VOUT)
≤ 40V
3.5
5
mA
3V
≤ (V
IN −VOUT)
≤ 15V
1.5
2.5
Current Limit
3V
≤ (V
IN −VOUT)
≤ 13V
100
200
300
mA
(V
IN −VOUT) = 40V
25
50
150
mA
Rms Output Noise, % of V
OUT
T
J = 25˚C, 10Hz
≤ f ≤ 10kHz
0.003
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120Hz, CADJ = 0
65
dB
C
ADJ = 10µF
66
80
dB
Long-Term Stability
T
J = 125˚C, 1000 Hours
0.3
1
%
Thermal Resistance
Z Package 0.4" Leads
180
˚C/W
Junction to Ambient
Z Package 0.125 Leads
160
˚C/W
SO-8 Package
165
˚C/W
6-Bump micro SMD
290
˚C/W
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise noted, these specifications apply: −25˚C
≤ Tj ≤ 125˚C for the LM317L; VIN −VOUT = 5V and IOUT = 40mA. Although power dissipation
is internally limited, these specifications are applicable for power dissipations up to 625mW. IMAX is 100mA.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specification for thermal regulation.
Note 4: Thermal resistance of the TO-92 package is 180˚C/W junction to ambient with 0.4" leads from a PC board and 160˚C/W junction to ambient with 0.125" lead
length to PC board.
Note 5: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
www.national.com
3


Similar Part No. - LM317L_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L_09 Datasheet
106Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - LM317L_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com