Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L292 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 2 Page - STMicroelectronics

  L292 Datasheet HTML 1Page - STMicroelectronics L292 Datasheet HTML 2Page - STMicroelectronics L292 Datasheet HTML 3Page - STMicroelectronics L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L292
2/13
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
TRUTH TABLE
Symbol
Parameter
Value
Unit
Vs
Power Supply
36
V
Vi
Input Voltage
- 15 to + Vs
V
Vinhibit
Inhibit Voltage
0 to Vs
V
Io
Output Current
2.5
A
Ptot
Total Power Dissipation (Tcase = 75 °C)
25
W
Tstg
Storage and Junction Temperature
- 40 to + 150
°C
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-case
Max
3
°C/W
Vinhibit
Pin 12
Pin 13
Output Stage Condition
L
L
Disabled
L
H
Normal Operation
H
L
Disabled
H
H
Disabled


Similar Part No. - L292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
   SWITCH-MODE DRIVER FOR DC MOTORS
More results

Similar Description - L292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
   SWITCH-MODE DRIVER FOR DC MOTORS
logo
NTE Electronics
NTE7006 NTE-NTE7006 Datasheet
23Kb / 3P
   Integrated Circuit Switch Mode Driver for DC Motors
logo
Fairchild Semiconductor
FAH4820 FAIRCHILD-FAH4820 Datasheet
1Mb / 14P
   Direct Driver for DC Motors (ERMs)
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
logo
ON Semiconductor
CAT3211 ONSEMI-CAT3211 Datasheet
373Kb / 14P
   Programmable Haptic Driver for Rotary DC Motors
April, 2013 ??Rev. 0
logo
Toshiba Semiconductor
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
   3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com