Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX82C54 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CX82C54
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CX82C54 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CX82C54 Datasheet HTML 5Page - Intersil Corporation CX82C54 Datasheet HTML 6Page - Intersil Corporation CX82C54 Datasheet HTML 7Page - Intersil Corporation CX82C54 Datasheet HTML 8Page - Intersil Corporation CX82C54 Datasheet HTML 9Page - Intersil Corporation CX82C54 Datasheet HTML 10Page - Intersil Corporation CX82C54 Datasheet HTML 11Page - Intersil Corporation CX82C54 Datasheet HTML 12Page - Intersil Corporation CX82C54 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
82C54
A new initial count may be written to a Counter at any time
without affecting the Counter’s programmed Mode in any way.
Counting will be affected as described in the Mode definitions.
The new count must follow the programmed count format.
If a Counter is programmed to read/write two-byte counts,
the following precaution applies. A program must not transfer
control between writing the first and second byte to another
routine which also writes into that same Counter. Otherwise,
the Counter will be loaded with an incorrect count.
READ OPERATIONS
It is often desirable to read the value of a Counter without
disturbing the count in progress. This is easily done in the
82C54.
There are three possible methods for reading the Counters.
The first is through the Read-Back command, which is
explained later. The second is a simple read operation of the
Counter, which is selected with the A1, A0 inputs. The only
requirement is that the CLK input of the selected Counter
must be inhibited by using either the GATE input or external
logic. Otherwise, the count may be in process of changing
when it is read, giving an undefined result.
COUNTER LATCH COMMAND
The other method for reading the Counters involves a
special software command called the “Counter Latch
Command”. Like a Control Word, this command is written to
the Control Word Register, which is selected when A1, A0 =
11. Also, like a Control Word, the SC0, SC1 bits select one of
the three Counters, but two other bits, D5 and D4,
distinguish this command from a Control Word.
.
The selected Counter’s output latch (OL) latches the count
when the Counter Latch Command is received. This count is
held in the latch until it is read by the CPU (or until the Counter
is reprogrammed). The count is then unlatched automatically
and the OL returns to “following” the counting element (CE).
This allows reading the contents of the Counters “on the fly”
without affecting counting in progress. Multiple Counter Latch
Commands may be used to latch more than one Counter.
Each latched Counter’s OL holds its count until read. Counter
Latch Commands do not affect the programmed Mode of the
Counter in any way.
If a Counter is latched and then, some time later, latched
again before the count is read, the second Counter Latch
Command is ignored. The count read will be the count at the
time the first Counter Latch Command was issued.
With either method, the count must be read according to the
programmed format; specifically, if the Counter is
programmed for two byte counts, two bytes must be read.
The two bytes do not have to be read one right after the
other; read or write or programming operations of other
Counters may be inserted between them.
Another feature of the 82C54 is that reads and writes of the
same Counter may be interleaved; for example, if the
Counter is programmed for two byte counts, the following
sequence is valid.
1. Read least significant byte.
2. Write new least significant byte.
3. Read most significant byte.
4. Write new most significant byte.
If a counter is programmed to read or write two-byte counts,
the following precaution applies: A program MUST NOT
transfer control between reading the first and second byte to
another routine which also reads from that same Counter.
Otherwise, an incorrect count will be read.
READ-BACK COMMAND
The read-back command allows the user to check the count
value, programmed Mode, and current state of the OUT pin
and Null Count flag of the selected counter(s).
The command is written into the Control Word Register and
has the format shown in Figure 5. The command applies to
POSSIBLE PROGRAMMING SEQUENCE
A1
A0
Control Word - Counter 1
1
1
Control Word - Counter 0
1
1
LSB of Count - Counter 1
0
1
Control Word - Counter 2
1
1
LSB of Count - Counter 0
0
0
MSB of Count - Counter 1
0
1
LSB of Count - Counter 2
1
0
MSB of Count - Counter 0
0
0
MSB of Count - Counter 2
1
0
NOTE:
In all four examples, all counters are programmed to
Read/Write two-byte counts. These are only four of many
programming sequences.
A1, A0 = 11; CS = 0; RD = 1; WR = 0
D7
D6
D5
D4
D3
D2
D1
D0
SC1
SC0
0
0
XX
XX
SC1, SC0 - specify counter to be latched
SC1
SC0
COUNTER
00
0
01
1
10
2
1
1
Read-Back Command
D5, D4 - 00 designates Counter Latch Command, X - Don’t Care.
NOTE:
Don’t Care bits (X) should be 0 to insure compatibility
with future products.


Similar Part No. - CX82C54

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX82100 CONEXANT-CX82100 Datasheet
1Mb / 226P
   Home Network Processor (HNP)
CX82100-11 CONEXANT-CX82100-11 Datasheet
1Mb / 226P
   Home Network Processor (HNP)
CX82100-12 CONEXANT-CX82100-12 Datasheet
1Mb / 226P
   Home Network Processor (HNP)
CX82100-41 CONEXANT-CX82100-41 Datasheet
1Mb / 226P
   Home Network Processor (HNP)
CX82100-41 CONEXANT-CX82100-41 Datasheet
475Kb / 50P
   Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet (Preliminary)
More results

Similar Description - CX82C54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com