Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82C54 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 82C54
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C54 Datasheet(HTML) 2 Page - Intersil Corporation

  82C54_05 Datasheet HTML 1Page - Intersil Corporation 82C54_05 Datasheet HTML 2Page - Intersil Corporation 82C54_05 Datasheet HTML 3Page - Intersil Corporation 82C54_05 Datasheet HTML 4Page - Intersil Corporation 82C54_05 Datasheet HTML 5Page - Intersil Corporation 82C54_05 Datasheet HTML 6Page - Intersil Corporation 82C54_05 Datasheet HTML 7Page - Intersil Corporation 82C54_05 Datasheet HTML 8Page - Intersil Corporation 82C54_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
82C54
Ordering Information
PART NUMBERS
TEMPERATURE
RANGE
PACKAGE
PKG.
DWG. #
8MHz
10MHz
12MHz
CP82C54
CP82C54-10
CP82C54-12
0oC to +70oC
24 Lead PDIP
E24.6
CP82C54Z (See Note)
CP82C54-10Z (See Note)
CP82C54-12Z (See Note)
0oC to +70oC
24 Lead PDIP** (Pb-free) E24.6
CS82C54*
CS82C54-10*
CS82C54-12
0oC to +70oC
28 Lead PLCC
N28.45
CS82C54Z* (See Note)
CS82C54-10Z* (See Note) CS82C54-12Z* (See Note)
0oC to +70oC
28 Lead PLCC (Pb-free) N28.45
ID82C54
-
-
-40oC to +85oC
24 Lead CERDIP
F24.6
IP82C54
IP82C54-10
-
-40oC to +85oC
24 Lead PDIP
E24.6
IP82C54Z (See Note)
IP82C54-10Z (See Note)
-
-40oC to +85oC
24 Lead PDIP** (Pb-free) E24.6
IS82C54*
IS82C54-10*
-
-40oC to +85oC
28 Lead PLCC
N28.45
IS82C54Z (See Note)
IS82C54-10Z (See Note)
-
-40oC to +85oC
28 Lead PLCC (Pb-free) N28.45
MD82C54/B
-
-
-55oC to +125oC
24 Lead CERDIP
F24.6
SMD # 8406501JA
-
-
-55oC to +125oC
24 Lead CERDIP
F24.6
SMD# 84065013A
-
84065023A
-55oC to +125oC
28 Lead CLCC
J28.A
Contact factory for availability.
*Add “96” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - 82C54_05

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
   CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
   CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Unisonic Technologies
82C54 UTC-82C54 Datasheet
430Kb / 20P
   VOLTAGE DETECTORS
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results

Similar Description - 82C54_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com