Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP80C86-2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CP80C86-2
Description  CMOS 16-Bit Microprocessor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP80C86-2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CP80C86-2 Datasheet HTML 5Page - Intersil Corporation CP80C86-2 Datasheet HTML 6Page - Intersil Corporation CP80C86-2 Datasheet HTML 7Page - Intersil Corporation CP80C86-2 Datasheet HTML 8Page - Intersil Corporation CP80C86-2 Datasheet HTML 9Page - Intersil Corporation CP80C86-2 Datasheet HTML 10Page - Intersil Corporation CP80C86-2 Datasheet HTML 11Page - Intersil Corporation CP80C86-2 Datasheet HTML 12Page - Intersil Corporation CP80C86-2 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
149
Status bits S3 through S7 are time multiplexed with high
order address bits and the BHE signal, and are therefore
valid during T2 through T4. S3 and S4 indicate which seg-
ment register (see Instruction Set Description) was used for
this bus cycle in forming the address, according to Table 3.
S5 is a reflection of the PSW interrupt enable bit. S3 is
always zero and S7 is a spare status bit.
I/O Addressing
In the 80C86, I/O operations can address up to a maximum
of 64K I/O byte registers or 32K I/O word registers. The I/O
address appears in the same format as the memory address
on bus lines A15-A0. The address lines A19-A16 are zero in
I/O operations. The variable I/O instructions which use regis-
ter DX as a pointer have full address capability while the
direct I/O instructions directly address one or two of the 256
I/O byte locations in page 0 of the I/O address space.
I/O ports are addressed in the same manner as memory loca-
tions. Even addressed bytes are transferred on the D7-D0 bus
lines and odd addressed bytes on D15-D8. Care must be taken
to ensure that each register within an 8-bit peripheral located on
the lower portion of the bus be addressed as even.
TABLE 3.
S4
S3
CHARACTERISTICS
0
0
Alternate Data (Extra Segment)
01
Stack
1
0
Code or None
11
Data
TYPE 225 POINTER
(AVAILABLE)
RESET BOOTSTRAP
PROGRAM JUMP
TYPE 33 POINTER
(AVAILABLE)
TYPE 32 POINTER
(AVAILABLE)
TYPE 31 POINTER
(AVAILABLE)
TYPE 5 POINTER
(RESERVED)
TYPE 4 POINTER
OVERFLOW
TYPE 3 POINTER
1 BYTE INT INSTRUCTION
TYPE 2 POINTER
NON MASKABLE
TYPE 1 POINTER
SINGLE STEP
TYPE 0 POINTER
DIVIDE ERROR
16 BITS
CS BASE ADDRESS
IP OFFSET
014H
010H
00CH
008H
004H
000H
07FH
080H
084H
FFFF0H
FFFFFH
3FFH
3FCH
AVAILABLE
INTERRUPT
POINTERS
(224)
DEDICATED
INTERRUPT
POINTERS
(5)
RESERVED
INTERRUPT
POINTERS
(27)
FIGURE 2. RESERVED MEMORY LOCATIONS
80C86


Similar Part No. - CP80C86-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP80C86-2 INTERSIL-CP80C86-2 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
CP80C86-2 INTERSIL-CP80C86-2 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
CP80C86-2Z INTERSIL-CP80C86-2Z Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
logo
Renesas Technology Corp
CP80C86-2Z RENESAS-CP80C86-2Z Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
More results

Similar Description - CP80C86-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com