Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-6402 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HD-6402
Description  CMOS Universal Asynchronous Receiver Transmitter (UART)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-6402 Datasheet(HTML) 1 Page - Intersil Corporation

  HD-6402 Datasheet HTML 1Page - Intersil Corporation HD-6402 Datasheet HTML 2Page - Intersil Corporation HD-6402 Datasheet HTML 3Page - Intersil Corporation HD-6402 Datasheet HTML 4Page - Intersil Corporation HD-6402 Datasheet HTML 5Page - Intersil Corporation HD-6402 Datasheet HTML 6Page - Intersil Corporation HD-6402 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
HD-6402
CMOS Universal Asynchronous
Receiver Transmitter (UART)
The HD-6402 is a CMOS UART for interfacing computers or
microprocessors to an asynchronous serial data channel.
The receiver converts serial start, data, parity and stop bits.
The transmitter converts parallel data into serial form and
automatically adds start, parity and stop bits. The data word
length can be 5, 6, 7 or 8 bits. Parity may be odd or even.
Parity checking and generation can be inhibited. The stop
bits may be one or two or one and one-half when
transmitting 5-bit code.
The HD-6402 can be used in a wide range of applications
including modems, printers, peripherals and remote data
acquisition systems. Utilizing the Intersil advanced scaled
SAJI IV CMOS process permits operation clock frequencies
up to 8.0MHz (500K Baud). Power requirements, by
comparison, are reduced from 300mW to 10mW. Status
logic increases flexibility and simplifies the user interface.
Pinout
HD-6402 (PDIP, CERDIP)
TOP VIEW
Features
• 8.0MHz Operating Frequency (5962-9052502)
• 2.0MHz Operating Frequency (HD3-6402R)
• Low Power CMOS Design
• Programmable Word Length, Stop Bits and Parity
• Automatic Data Formatting and Status Generation
• Compatible with Industry Standard UARTs
• Single +5V Power Supply
• CMOS/TTL Compatible Inputs
• Pb-Free Plus Anneal Available (RoHS Compliant)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VCC
NC
GND
RRD
RBR8
RBR7
RBR6
RBR5
RBR4
RBR3
RBR2
RBR1
PE
FE
OE
SFD
RRC
DRR
DR
RRI
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
TRC
EPE
CLS1
CLS2
SBS
PI
CRL
TBR8
TBR7
TBR6
TBR5
TBR4
TBR3
TBR2
TBR1
TRO
TRE
TBRL
TBRE
MR
Ordering Information
PACKAGE
TEMP
RANGE (°C)
2MHz = 125K
BAUD
8MHz = 500K
BAUD
PKG.
DWG.
#
PDIP
-40 to +85 HD3-6402R-9
E40.6
PDIP*
(Pb-free)
-40 to +85 HD3-6402R-9Z
(Note)
E40.6
CERDIP -
SMD#
-55 to +125
5962-
9052502MQA
F40.6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Data Sheet
FN2956.3
October 31, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2001, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HD-6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Renesas Technology Corp
HD-6402 RENESAS-HD-6402 Datasheet
331Kb / 9P
   CMOS Universal AsynchronousReceiver Transmitter (UART)
August 25, 2015
logo
Intersil Corporation
HD-6402/883 INTERSIL-HD-6402/883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results

Similar Description - HD-6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
logo
Harris Corporation
CDP6402 HARRIS-CDP6402 Datasheet
68Kb / 12P
   CMOS Universal Asynchronous Receiver/Transmitter (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com