Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE540 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1.5KE540
Description  TRANSZORB Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE540 Datasheet(HTML) 1 Page - Vishay Siliconix

  1.5KE540 Datasheet HTML 1Page - Vishay Siliconix 1.5KE540 Datasheet HTML 2Page - Vishay Siliconix 1.5KE540 Datasheet HTML 3Page - Vishay Siliconix 1.5KE540 Datasheet HTML 4Page - Vishay Siliconix 1.5KE540 Datasheet HTML 5Page - Vishay Siliconix 1.5KE540 Datasheet HTML 6Page - Vishay Siliconix 1.5KE540 Datasheet HTML 7Page - Vishay Siliconix 1.5KE540 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay General Semiconductor
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Document Number 88301
20-Jun-06
www.vishay.com
1
TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• Available in Unidirectional and Bidirectional
• 1500 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty cycle):
0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: Molded epoxy body over passivated junction
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade, HE3 suffix for high
reliability grade (AEC Q101 qualified)
Polarity: For unidirectional types the color band
denotes cathode end, no marking on bidirectional
types
Case Style 1.5KE
DEVICES FOR BIDIRECTION APPLICATIONS
For
bidirectional
types,
use
C
or
CA
suffix
(e.g. 1.5KE440CA).
Electrical characteristics apply in both directions.
MAJOR RATINGS AND CHARACTERISTICS
V(BR) Unidirectional
6.8 V to 540 V
V(BR) Bidirectional
6.8 v to 440 V
PPPM
1500 W
PD
6.5 W
IFSM (Unidirectional only)
200 A
Tj max.
175 °C
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
1500
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
see next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
6.5
W
Peak forward surge current 8.3 ms single half sine-wave unidirectional only (2)
IFSM
200
A
Maximum instantaneous forward voltage at 100 A for unidirectional only (3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - 1.5KE540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE540 VISHAY-1.5KE540 Datasheet
113Kb / 6P
   TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Galaxy Semi-Conductor H...
1.5KE540 BILIN-1.5KE540 Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KE540 VISHAY-1.5KE540 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Yangzhou yangjie electr...
1.5KE540 YANGJIE-1.5KE540 Datasheet
270Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Yea Shin Technology Co....
1.5KE540 YEASHIN-1.5KE540 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com