Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXT-289 Datasheet(PDF) 8 Page - SIRENZA MICRODEVICES

Part # SXT-289
Description  1800-2500 MHz Medium Power GaAs HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SXT-289 Datasheet(HTML) 8 Page - SIRENZA MICRODEVICES

  SXT-289 Datasheet HTML 1Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 2Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 3Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 4Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 5Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 6Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 7Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 8Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Phone: (800) SMI-MMIC
http://www.sirenza.com
8
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101157 Rev G
SXT-289 1800-2500 MHz Power Amplifier
Active Current Feedback Bias Circuit (for 5V supply)
Schematic
Evaluation Board Layout
Note: Circuit Optimized for Output IP3
y
c
n
e
u
q
e
r
Fz
H
M
0
6
9
1z
H
M
0
4
1
2z
H
M
0
5
4
2
)
B
d
(
n
i
a
G
l
a
n
g
i
S
ll
a
m
S3
.
5
10
.
5
16
.
4
1
)
m
B
d
(
3
P
I
t
u
p
t
u
O*
7
.
9
3*
2
.
9
3*
7
.
9
3
)
m
B
d
(
B
d
1
P8
.
3
20
.
3
27
.
3
2
NOTE: Reference Application Note AN-026 for more information on Active Current Bias Circuit.
Z=50
Ω,EL2
C7
5
6
4
3
2
1
Vs = 5V
C4
C5
C3
Rbias
L1
C1
R3
R2
R1
SXT-289
Z=50
Ω,EL1
C6
C2
U1
C5
C4
C3
U1
C1
C7
L1
Rbias
R2
R3
R1
1
C2
SXT-289
1
2
3
C6
Sirenza Microdevices
ECB-101872 Rev. B
SOT-89 Active Bias
Eval Board
*Note: IP3 performance degraded due to lower
(4.5V) device voltage.
.
s
e
D
.
f
e
Rz
H
M
0
6
9
1z
H
M
0
4
1
2z
H
M
0
5
4
2r
e
b
m
u
N
t
r
a
P
7
C
,
1
CF
p
9
3F
p
9
3F
p
9
3
s
e
ir
e
s
8
1
H
C
M
m
h
o
R
2
CF
p
5
.
0-
-
s
e
ir
e
s
8
1
H
C
M
m
h
o
R
3
CF
u
1
.
0F
u
1
.
0F
u
1
.
0
K
4
0
1
2
0
5
3
M
7
6
2
o
u
s
t
a
M
4
CF
p
0
0
0
1F
p
0
0
0
1F
p
0
0
0
1
s
e
ir
e
s
8
1
H
C
M
m
h
o
R
5
CF
p
2
2F
p
2
2F
p
2
2
s
e
ir
e
s
8
1
H
C
M
m
h
o
R
6
CF
p
0
.
1F
p
0
.
1F
p
0
.
1
s
e
ir
e
s
8
1
H
C
M
m
h
o
R
n
o
it
i
s
o
P
6
C1
2
3
1
LH
n
5
1H
n
5
1H
n
5
1
s
e
ir
e
s
S
F
-
8
0
6
1
L
L
o
k
o
T
1
Rm
h
O
0
2
2m
h
O
0
2
2m
h
O
0
2
2
s
e
ir
e
s
3
0
R
C
M
m
h
o
R
2
Rm
h
O
K
8
.
1m
h
O
K
8
.
1m
h
O
K
8
.
1
s
e
ir
e
s
3
0
R
C
M
m
h
o
R
3
Rm
h
O
0
5
7m
h
O
0
5
7m
h
O
0
5
7
s
e
ir
e
s
3
0
R
C
M
m
h
o
R
s
a
i
b
Rm
h
O
3
.
4m
h
O
3
.
4m
h
O
3
.
4
s
e
ir
e
s
3
0
R
C
M
m
h
o
R
1
UN
1
Z
M
UN
1
Z
M
UN
1
Z
M
U
m
h
o
R
1
L
5
.
3
1-
-
2
L
5
.
5
8
.
9
9
.
0
4


Similar Part No. - SXT-289

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SXT-289 STANFORD-SXT-289 Datasheet
273Kb / 8P
   1800-2500 MHz Power Amplifier
More results

Similar Description - SXT-289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
Stanford Microdevices
SXT-289 STANFORD-SXT-289 Datasheet
273Kb / 8P
   1800-2500 MHz Power Amplifier
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-289 SIRENZA-SXA-289 Datasheet
319Kb / 7P
   5-2000 MHz Medium Power GaAs HBT Amplifier
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXA-3318B ETC-SXA-3318B Datasheet
816Kb / 8P
   400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com