Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXT-289 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SXT-289
Description  1800-2500 MHz Medium Power GaAs HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SXT-289 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SXT-289 Datasheet HTML 1Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 2Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 3Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 4Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 5Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 6Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 7Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 8Page - SIRENZA MICRODEVICES SXT-289 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Phone: (800) SMI-MMIC
http://www.sirenza.com
4
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101157 Rev G
SXT-289 1800-2500 MHz Power Amplifier
20
21
22
23
24
25
26
2400
2420
2440
2460
2480
2500
10
12
14
16
18
20
2400
2420
2440
2460
2480
2500
36
38
40
42
44
46
2400
2420
2440
2460
2480
2500
36
38
40
42
44
46
02
468
10
12
14
16
0
20
40
60
80
100
120
140
160
180
02468
10
-35
-30
-25
-20
-15
-10
-5
0
5
2400
2420
2440
2460
2480
2500
P1dB vs Frequency
MHz
2450 MHz Application Circuit Data, V
S=8V, ID=105mA, RBIAS=27 Ohms
Note: Tuned for Output IP3
Input/Output Return Loss,
Isolation vs Frequency
MHz
MHz
Gain vs. Frequency
Third Order Intercept vs. Frequency
(P
OUT per tone = 11dBm)
MHz
Third Order Intercept vs Tone Power
P
OUT per tone (dBm)
Device Current vs. Source Voltage
V
S (V)
S11
S22
S12
25C
-40C
85C
25C
-40C
85C
25C
-40C
85C
25C
-40C
85C
25C
-40C
85C
T=25oC


Similar Part No. - SXT-289

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SXT-289 STANFORD-SXT-289 Datasheet
273Kb / 8P
   1800-2500 MHz Power Amplifier
More results

Similar Description - SXT-289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
Stanford Microdevices
SXT-289 STANFORD-SXT-289 Datasheet
273Kb / 8P
   1800-2500 MHz Power Amplifier
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-289 SIRENZA-SXA-289 Datasheet
319Kb / 7P
   5-2000 MHz Medium Power GaAs HBT Amplifier
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXA-3318B ETC-SXA-3318B Datasheet
816Kb / 8P
   400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com