Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9XXG08UXA Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9XXG08UXA
Description  1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9XXG08UXA Datasheet(HTML) 5 Page - Samsung semiconductor

  K9XXG08UXA_06 Datasheet HTML 1Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 2Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 3Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 4Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 5Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 6Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 7Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 8Page - Samsung semiconductor K9XXG08UXA_06 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
FLASH MEMORY
5
K9WAG08U1A
K9K8G08U0A K9NBG08U5A
PIN CONFIGURATION (TSOP1)
K9WAG08U1A-PCB0/PIB0
PACKAGE DIMENSIONS
48-PIN LEAD FREE PLASTIC THIN SMALL OUT-LINE PACKAGE TYPE(I)
48 - TSOP1 - 1220F
Unit :mm/Inch
0.787±0.008
20.00±0.20
#1
#24
#48
#25
0.039±0.002
1.00±0.05
0.002
0.05
MIN
0.047
1.20
MAX
0.45~0.75
0.018~0.030
0.724±0.004
18.40±0.10
0~8
°
0.50
0.020
()
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
N.C
N.C
N.C
R/B2
R/B1
RE
CE1
CE2
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O7
I/O6
I/O5
I/O4
N.C
N.C
N.C
Vcc
Vss
N.C
N.C
N.C
I/O3
I/O2
I/O1
I/O0
N.C
N.C
N.C
N.C


Similar Part No. - K9XXG08UXA_06

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXA SAMSUNG-K9XXG08UXA Datasheet
1Mb / 43P
   FLASH MEMORY
More results

Similar Description - K9XXG08UXA_06

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com