Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE150 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1.5KE150
Description  TRANSZORB Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE150 Datasheet(HTML) 5 Page - Vishay Siliconix

  1.5KE150 Datasheet HTML 1Page - Vishay Siliconix 1.5KE150 Datasheet HTML 2Page - Vishay Siliconix 1.5KE150 Datasheet HTML 3Page - Vishay Siliconix 1.5KE150 Datasheet HTML 4Page - Vishay Siliconix 1.5KE150 Datasheet HTML 5Page - Vishay Siliconix 1.5KE150 Datasheet HTML 6Page - Vishay Siliconix 1.5KE150 Datasheet HTML 7Page - Vishay Siliconix 1.5KE150 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vishay General Semiconductor
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Document Number 88301
20-Jun-06
www.vishay.com
5
Figure 5. Power Derating Curve
Figure 6. Maximum Non-repetitive Forward Surge Current
Uni-Directional only
Figure 7. Incremental Clamping Voltage Curve (Unidirectional)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (°C)
L = 0.375" (9.5 mm)
Lead Lengths
1
10
100
10
100
200
TJ = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.5
1
2
10
20
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
8/20 µsImpulse
= VC - V(BR)
1.5KE200
1.5KE6.8
1.5KE9.1
1.5KE18
1.5KE12
ΔVC
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
IPP, Peak Pulse Current (A)
Figure 8. Incremental Clamping Voltage Curve (Unidirectional)
Figure 9. Incremental Clamping Voltage Curve (Bidirectional)
Figure 10. Incremental Clamping Voltage Curve (Bidirectional)
0.5
1
2
10
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µs Impulse
VC = VC - V(BR)
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
1.5KE6.8
1.5KE9.1
Δ
IPP, Peak Pulse Current (A)
0.5
1
2
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µsImpulse
VC = VC - V(BR)
Δ
IPP, Peak Pulse Current (A)
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
1.5KE11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1
2
10
20
100
IPP, Peak Pulse Current (A)
Waveform:
8/20 µsImpulse
= VC - V(BR)
ΔVC


Similar Part No. - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE150 DIOTEC-1.5KE150 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE150 TRSYS-1.5KE150 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE150 DAESAN-1.5KE150 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE150 WTE-1.5KE150 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1.5KE150 DIGITRON-1.5KE150 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
More results

Similar Description - 1.5KE150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com