Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71HF20M Datasheet(PDF) 5 Page - International Rectifier

Part # 71HF20M
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

71HF20M Datasheet(HTML) 5 Page - International Rectifier

  71HF20M Datasheet HTML 1Page - International Rectifier 71HF20M Datasheet HTML 2Page - International Rectifier 71HF20M Datasheet HTML 3Page - International Rectifier 71HF20M Datasheet HTML 4Page - International Rectifier 71HF20M Datasheet HTML 5Page - International Rectifier 71HF20M Datasheet HTML 6Page - International Rectifier 71HF20M Datasheet HTML 7Page - International Rectifier 71HF20M Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
70HF(R) Series
5
Bulletin I20202 rev. F 01/05
www.irf.com
Fig. 5 - Forward Power Loss Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
130
140
150
160
170
180
0
102030
4050
6070
80
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
70HF(R) Series (100V to 1200V)
R
(DC) = 0.45 K/W
thJC
100
110
120
130
140
150
0
10
20
3040
5060
70
80
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
70HF(R) Series (1400V to 1600V)
R
(DC) = 0.45 K/W
thJC
0
20 40 60 80 100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
1.5
K/W
2 K
/W
3 K/W
5 K/W
4 K/W
0
10
20
30
40
50
60
70
80
90
0
1020
304050
60
7080
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
70HF(R) Series
(100V to 1200V)
T = 180°C
J
120
130
140
150
160
170
180
0
20
406080
100
120
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
70HF(R) Series (100V to 1200V)
R
(DC) = 0.45 K/W
thJC
90
100
110
120
130
140
150
0
20406080
100
120
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
70HF(R) Series (1400V to 1600V)
R
(DC) = 0.45 K/W
thJC


Similar Part No. - 71HF20M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71HF20M VISHAY-71HF20M Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
More results

Similar Description - 71HF20M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com