Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1110IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # 1110IBZ
Description  750MHz, Low Distortion Unity Gain, Closed Loop Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

1110IBZ Datasheet(HTML) 8 Page - Intersil Corporation

  1110IBZ Datasheet HTML 1Page - Intersil Corporation 1110IBZ Datasheet HTML 2Page - Intersil Corporation 1110IBZ Datasheet HTML 3Page - Intersil Corporation 1110IBZ Datasheet HTML 4Page - Intersil Corporation 1110IBZ Datasheet HTML 5Page - Intersil Corporation 1110IBZ Datasheet HTML 6Page - Intersil Corporation 1110IBZ Datasheet HTML 7Page - Intersil Corporation 1110IBZ Datasheet HTML 8Page - Intersil Corporation 1110IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN2944.8
June 6, 2006
Die Characteristics
DIE DIMENSIONS:
63 mils x 44 mils x 19 mils
1600
µm x 1130µm x 483µm
METALLIZATION:
Type: Metal 1: AlCu(2%)/TiW
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AlCu(2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
PASSIVATION:
Type: Nitride
Thickness: 4k
Å ±0.5kÅ
TRANSISTOR COUNT:
52
SUBSTRATE POTENTIAL (POWERED UP):
Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1110
V-
NC
NC
OUT
IN
NC
NC
V+
NC
HFA1110


Similar Part No. - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1110 3M-1110 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
List of Unclassifed Man...
1110 ETC2-1110 Datasheet
93Kb / 1P
   KNOB
logo
Bourns Electronic Solut...
1110-100K-RC BOURNS-1110-100K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-101K-RC BOURNS-1110-101K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-120K-RC BOURNS-1110-120K-RC Datasheet
472Kb / 1P
   Very high current capacity
More results

Similar Description - 1110IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
Analog Devices
AD9630 AD-AD9630_15 Datasheet
115Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
Gennum Corporation
GB4600 GENNUM-GB4600 Datasheet
137Kb / 4P
   Monolithic Unity Gain Video Buffer
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com