Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P5701K-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI9P5701K-5
Description  6-Bit, 30MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P5701K-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI9P5701K-5 Datasheet HTML 2Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 3Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 4Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 5Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 6Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 7Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 8Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 9Page - Intersil Corporation HI9P5701K-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance Curves
FIGURE 3. EFFECTIVE NUMBER OF BITS vs fIN
FIGURE 4. ENOB vs TEMPERATURE
FIGURE 5. SNR vs TEMPERATURE
FIGURE 6. TOTAL HARMONIC DISTORTION vs TEMPERATURE
FIGURE 7. INL vs TEMPERATURE
FIGURE 8. DNL vs TEMPERATURE
6
5
4
3
0
0.511.5
22.5
3
3.5
44.5
5
INPUT FREQUENCY (fIN) - MHz
VDD = 5V, VREF+ = 4V
TA = 25
oC
fS = 20MHz
fS = 30MHz
fS = 40MHz
6
5
4
3
VDD = 5V, VREF+ = 4V
fS = 1MHz, fIN = 100kHz
fS = 30MHz, fIN = 4MHz
-40 -30 -20 -10
0
10
2030
40
5060
70
8090
TEMPERATURE (oC)
VDD = 5V, VREF+ = 4V
fS = 30MHz, fIN = 4MHz
fS = 1MHz, fIN = 100kHz
38
36
34
32
30
28
26
24
-40 -30 -20 -10
0
102030405060708090
TEMPERATURE (oC)
fS = 30MHz, fIN = 4MHz
VDD = 5V, VREF+ = 4V
fS = 1MHz, fIN = 100kHz
-40-30 -20-10
0
10
2030405060
70
8090
-34
-36
-38
-40
-42
-44
-46
TEMPERATURE (oC)
fS = 30MHz
fIN = 100kHz
VDD = 5V, VREF+ = 4V
2
1.5
1
0.5
0
-40 -30 -20 -10
0
102030405060708090
TEMPERATURE (oC)
fS = 1MHz
1
0.75
0.5
0.25
0
TEMPERATURE (oC)
-40 -30 -20 -10
0
102030
40
50
60708090
fS = 30MHz
fS = 1MHz
fIN = 100kHz
VDD = 5V, VREF+ = 4V
HI-5701


Similar Part No. - HI9P5701K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P5701K-5 INTERSIL-HI9P5701K-5 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI9P5701K-5 INTERSIL-HI9P5701K-5 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI9P5701K-5 RENESAS-HI9P5701K-5 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results

Similar Description - HI9P5701K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com