Part Name
         Description
SPF-5122Z

 400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier ( 6 Page)


SIRENZA
100% 
Zoom Out Zoom In
   
 3 page
background image
Broomfield, CO 80021
3
EDS-105470 Rev B
Advanced Information
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPF-5122Z GaAs pHEMT Low Noise MMIC Amplifier
Typical RF Performance (Broadband Application Circuit, 5V, 90mA)
|S11| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S21| vs. Frequency
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S12| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
|S22| vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
85C
Noise Figure vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
25C
85C
P1dB vs. Frequency
17
18
19
20
21
22
23
24
25
26
27
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
25C
-40C
85C



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPF-5043Z400-3000 MHz GaAs pHEMT Low Noise MMIC Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
UPG2310TKGaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO 1 2 3 4 5 MoreCalifornia Eastern Labs
SPF-2000Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1 2 3 SIRENZA MICRODEVICES
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
SPF-2086TKLow Noise pHEMT GaAs FET 0.1 - 6 GHz Operation 1 2 3 4 5 SIRENZA MICRODEVICES
SPF-3043Low Noise pHEMT GaAs FET 1 2 3 4 SIRENZA MICRODEVICES
SGL-0163100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
SPF-3143ZLow Noise pHEMT GaAs FET 1 2 3 SIRENZA MICRODEVICES
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor
SGL-0363Z5-2000 MHz Low Noise Amplifier Silicon Germanium 1 2 3 4 5 MoreSIRENZA MICRODEVICES

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl