Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7611DCBAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # 7611DCBAZ
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7611DCBAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button 7611DCBAZ Datasheet HTML 4Page - Intersil Corporation 7611DCBAZ Datasheet HTML 5Page - Intersil Corporation 7611DCBAZ Datasheet HTML 6Page - Intersil Corporation 7611DCBAZ Datasheet HTML 7Page - Intersil Corporation 7611DCBAZ Datasheet HTML 8Page - Intersil Corporation 7611DCBAZ Datasheet HTML 9Page - Intersil Corporation 7611DCBAZ Datasheet HTML 10Page - Intersil Corporation 7611DCBAZ Datasheet HTML 11Page - Intersil Corporation 7611DCBAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN2919.8
September 27, 2006
FIGURE 8. FIFTH ORDER CHEBYCHEV MULTIPLE FEEDBACK LOW PASS FILTER
ICL7611
+
-
ICL7611
+
-
INPUT
30k
160k
0.2
μF
0.2
μF
0.2
μF
0.2
μF0.1μF
0.1
μF
51k
100k
680k
360k
360k
1M
1M
OUTPUT
(NOTE 5)
(NOTE 5)
NOTES:
5. Note that small capacitors (25pF to 50pF) may be needed for stability in some cases.
6. The low bias currents permit high resistance and low capacitance values to be used to achieve low frequency cutoff. fC = 10Hz, AVCL = 4,
Passband ripple = 0.1dB.
Typical Performance Curves
FIGURE 9. SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 10. SUPPLY CURRENT PER AMPLIFIER vs FREE-AIR
TEMPERATURE
FIGURE 11. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 12. LARGE SIGNAL DIFFERENTIAL VOLTAGE GAIN
vs FREE-AIR TEMPERATURE
10k
1k
100
10
1
0
2
4
6
8
10
121416
SUPPLY VOLTAGE (V)
TA = +25°C
NO LOAD
NO SIGNAL
IQ = 1mA
IQ = 100μA
IQ = 1mA
IQ = 10μA
104
103
102
10
1
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
V+ - V- = 10V
NO LOAD
NO SIGNAL
IQ = 1mA
IQ = 100μA
IQ = 10μA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
1000
100
10
1.0
0.1
VS = ±5V
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (°C)
-75
1000
100
10
1
VSUPP = 10V
VOUT = 8V
RL = 100kΩ
IQ = 100μA
RL = 10kΩ
IQ = 1mA
RL = 1MΩ
IQ = 10μA
ICL7611, ICL7612


Similar Part No. - 7611DCBAZ

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7611D2 CML-7611D2 Datasheet
22Kb / 1P
   Bright Pipes Optical Lightpipes
7611D2-L CML-7611D2-L Datasheet
22Kb / 1P
   Bright Pipes Optical Lightpipes
logo
Visual Communications C...
7611D2-L VCC-7611D2-L Datasheet
121Kb / 1P
   Bright Pipes Optical Lightpipes
logo
Chicago Miniature Lamp,...
7611D2-S CML-7611D2-S Datasheet
22Kb / 1P
   Bright Pipes Optical Lightpipes
More results

Similar Description - 7611DCBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com