Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4502BN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4502BN
Description  Strobed hex inverter/buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4502BN Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4502BN Datasheet HTML 1Page - NXP Semiconductors HEF4502BN Datasheet HTML 2Page - NXP Semiconductors HEF4502BN Datasheet HTML 3Page - NXP Semiconductors HEF4502BN Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
January 1995
3
Philips Semiconductors
Product specification
Strobed hex inverter/buffer
HEF4502B
buffers
DC CHARACTERISTICS
VSS =0 V
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
VDD
V
VOH
V
VOL
V
SYMBOL
Tamb (°C)
−40
+ 25
+ 85
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Output current
5
4,6
1,2
1,0
0,8
mA
HIGH
10
9,5
−IOH
3,8
3,2
2,5
mA
15
13,5
12,0
10,0
8,0
mA
Output current
HIGH
5
2,5
−I
OH
3,8
3,2
2,5
mA
Output current
4,75
0,4
3,5
2,9
2,3
mA
LOW
10
0,5
IOL
12,0
10,0
8,0
mA
15
1,5
24,0
20,0
16,0
mA
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
5 000 fi +∑ (foCL) × VDD2
where
dissipation per
10
25 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
85 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4502BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
HEF4505BD PHILIPS-HEF4505BD Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
HEF4505BF PHILIPS-HEF4505BF Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
HEF4505BN PHILIPS-HEF4505BN Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
HEF4505BP PHILIPS-HEF4505BP Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
More results

Similar Description - HEF4502BN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com