Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7650SCPA-1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # 7650SCPA-1
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7650SCPA-1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 7650SCPA-1 Datasheet HTML 5Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 6Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 7Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 8Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 9Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 10Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 11Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 12Page - Intersil Corporation 7650SCPA-1 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN2920.10
April 12, 2007
FIGURE 17. OPEN LOOP GAIN AND PHASE SHIFT vs
FREQUENCY
NOTE: The two different responses correspond to the two phases of
the clock.
FIGURE 18. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (NOTE)
FIGURE 19. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (NOTE)
FIGURE 20. N-CHANNEL CLAMP CURRENT vs OUTPUT
VOLTAGE
FIGURE 21. P-CHANNEL CLAMP CURRENT vs OUTPUT VOLTAGE
Typical Performance Curves (Continued)
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
100k
130
110
90
70
50
RL = 10kΩ
CEXT = 1μF
160
140
120
100
80
60
40
20
TIME (
μs)
0
0.5
1.0
1.5
2.0
2.5
2
1
0
-1
-2
CLOCK OUT
HIGH
CLOCK OUT
LOW
TIME (
μS)
2
1
0
-1
-2
00.5
1.0
1.5
2.0
CLOCK OUT
HIGH
CLOCK OUT
LOW
NOTE:
The two different responses correspond to the two phases of the clock.
OUTPUT VOLTAGE (
ΔV-)
100
μA
10
μA
1
μA
100nA
10nA
1nA
100pA
10pA
1pA
0.8
0.6
0.4
0.2
0
OUTPUT VOLTAGE (
ΔV+)
100
μA
10
μA
1
μA
100nA
10nA
1nA
100pA
10pA
1pA
-0.8
-0.6
-0.4
-0.2
0


Similar Part No. - 7650SCPA-1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
7650SCB INTERSIL-7650SCB Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
More results

Similar Description - 7650SCPA-1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Renesas Technology Corp
ICL7650S RENESAS-ICL7650S Datasheet
617Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com