Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5002-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA9P5002-5
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5002-5 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA9P5002-5 Datasheet HTML 3Page - Intersil Corporation HA9P5002-5 Datasheet HTML 4Page - Intersil Corporation HA9P5002-5 Datasheet HTML 5Page - Intersil Corporation HA9P5002-5 Datasheet HTML 6Page - Intersil Corporation HA9P5002-5 Datasheet HTML 7Page - Intersil Corporation HA9P5002-5 Datasheet HTML 8Page - Intersil Corporation HA9P5002-5 Datasheet HTML 9Page - Intersil Corporation HA9P5002-5 Datasheet HTML 10Page - Intersil Corporation HA9P5002-5 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN2921.11
March 8, 2006
Typical Application
FIGURE 3. COAXIAL CABLE DRIVER - 50
Ω SYSTEM
RL 50Ω
RG -58
50
RM
50
RS
V1-V2-
-12V
V1+V2+
+12V
VIN
VOUT
VOUT
VIN
Typical Performance Curves
FIGURE 4. GAIN/PHASE vs FREQUENCY (RL = 1kΩ)
FIGURE 5. GAIN/PHASE vs FREQUENCY (RL = 50Ω)
FIGURE 6. VOLTAGE GAIN vs TEMPERATURE (RL = 100Ω)
FIGURE 7. VOLTAGE GAIN vs TEMPERATURE (RL = 1kΩ)
9
6
3
0
-3
-18
PHASE
FREQUENCY (MHz)
VS = ±15V, RS = 50Ω
GAIN
-6
-9
-12
-15
45°
90°
135°
180°
1
10
100
9
6
3
0
-3
-18
PHASE
1
10
100
FREQUENCY (MHz)
VS = ±15V, RS = 50Ω
GAIN
-6
-9
-12
-15
45°
90°
135°
180°
TEMPERATURE (°C)
0.994
0.992
0.990
0.988
0.986
0.984
0.982
0.980
0.978
0.976
0.974
0
20
406080
100
120
-20
-40
-60
VOUT = -10V TO +10V
VS = ±15V
TEMPERATURE (°C)
0.998
0.997
0.996
0.995
0.994
0.993
0.992
0.991
0
20
40
60
80
100
120
-20
-40
-60
VOUT = 0 TO -10V
VOUT = 0 TO +10V
VS = ±15V
HA-5002


Similar Part No. - HA9P5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5002-5 INTERSIL-HA9P5002-5 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA9P5002-5Z INTERSIL-HA9P5002-5Z Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA9P5002-5Z RENESAS-HA9P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA9P5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com