Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5033 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA-5033
Description  250MHz Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5033 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA-5033 Datasheet HTML 4Page - Intersil Corporation HA-5033 Datasheet HTML 5Page - Intersil Corporation HA-5033 Datasheet HTML 6Page - Intersil Corporation HA-5033 Datasheet HTML 7Page - Intersil Corporation HA-5033 Datasheet HTML 8Page - Intersil Corporation HA-5033 Datasheet HTML 9Page - Intersil Corporation HA-5033 Datasheet HTML 10Page - Intersil Corporation HA-5033 Datasheet HTML 11Page - Intersil Corporation HA-5033 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN2924.8
FIGURE 24. OUTPUT SWING vs FREQUENCY (NOTE)
FIGURE 25. OUTPUT SWING vs FREQUENCY (NOTE)
NOTE:
This curve was obtained by noting the output voltage necessary to produce an observable distortion for a given frequency. If higher distortion is
acceptable, then a higher output voltage for a given frequency can be obtained. However, operating the HA-5033 with increased distortion (to the
right of curve shown), will also be accompanied by an increase in supply current. The resulting increase in chip temperature must be considered
and heat sinking will be necessary to prevent thermal runaway. This characteristic is the result of the output transistor operation. If the signal amplitude
or signal frequency or both are increased beyond the curve shown, the NPN, PNP output transistors will approach a condition of being simultaneously on.
Under this condition, thermal runaway can occur.
Typical Performance Curves (Continued)
FREQUENCY (Hz)
10K
100K
1M
10M
0.5
3.5
4.0
4.5
5.0
5.5
6.0
100M
1G
3.0
2.5
2.0
1.5
1.0
0
VS = ±15V, RL = 100Ω
NO HEAT SINK IN
FREE AIR
FREQUENCY (Hz)
10K
100K
1M
10M
0.5
3.5
4.0
4.5
5.0
5.5
6.0
VS = ±15V, RL = 1kΩ
100M
1G
NO HEAT SINK
IN FREE AIR
3.0
2.5
2.0
1.5
1.0
0
HA-5033


Similar Part No. - HA-5033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
More results

Similar Description - HA-5033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
   250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com