Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA-2318Z Datasheet(PDF) 7 Page - SIRENZA MICRODEVICES

Part # SPA-2318Z
Description  1700-2200 MHz 1 Watt Power Amp with Active Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-2318Z Datasheet(HTML) 7 Page - SIRENZA MICRODEVICES

  SPA-2318Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SPA-2318Z Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
EDS-101432 Rev H
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Court, Broomfield, CO 80021
SPA-2318 1700-2200 MHz 1 Watt Power Amp.
Vcc
1.8pF
18 nH
5.6pF
10uF Tantalum
39pF
1.5pF (IP3)
2.2pF (ACP)
2.7nH
1000pF
56pF
5.6nH
6.8K
300
Ω 1800pF
0.1uF Tantalum
5
6
7
8
4
3
2
1
Z=50
Ω, 11.6°
Tune for optimal ACP performance
Ic2
Ic1
Ibias
Vpc
External Connection
2110 - 2170 MHz Schematic
2110 - 2170 MHz Evaluation Board Layout
Vpc
Eval Board
ECB-101161 Rev. C
SOIC-8 PA
Vcc
C9
C1
L2
Short
L3
C7
C5
C2
C6
L1
C4
C3
C8
R1
R2
Tune for optimal ACP performance
Note: All inductors are
Toko LL1608-FS unless
noted otherwise
Sirenza Microdevices
Ref. Des.
Value
Part Number
C1
1.5pF, ±0.25pF (IP3)
2.2pF, ±0.25pF (ACP)
Rohm MCH18 series
C2
56pF, 5%
Rohm MCH18 series
C3
10uF, 10%
AVX TAJB106K020R
C4
1000pF, 5%
Rohm MCH18 series
C5
5.6pF, ±0.5pF
Rohm MCH18 series
C6
1.8pF, ±0.25pF
Rohm MCH18 series
C7
1800pF, 5%
Rohm MCH18 series
C8
0.1uF, 10%
Matsuo 267M3502104K
C9
39pF, 5%
Rohm MCH18 series
L1
2.7nH, ±0.3nH
Toko LL1608-FS series
L2
5.6nH, ±0.3nH
Toko LL1608-FS series
L3
18nH, 5%
Toko LL1608-FS series
R1
6.8K Ohm, 5%
Rohm MCR03 series
R2
300 Ohm, 5%
Rohm MCR03 series


Similar Part No. - SPA-2318Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-2318Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2318Z RFMD-SPA2318Z Datasheet
646Kb / 8P
   1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com