Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7611DCPA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7611DCPA
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7611DCPA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7611DCPA Datasheet HTML 5Page - Intersil Corporation ICL7611DCPA Datasheet HTML 6Page - Intersil Corporation ICL7611DCPA Datasheet HTML 7Page - Intersil Corporation ICL7611DCPA Datasheet HTML 8Page - Intersil Corporation ICL7611DCPA Datasheet HTML 9Page - Intersil Corporation ICL7611DCPA Datasheet HTML 10Page - Intersil Corporation ICL7611DCPA Datasheet HTML 11Page - Intersil Corporation ICL7611DCPA Datasheet HTML 12Page - Intersil Corporation ICL7611DCPA Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN2919.8
September 27, 2006
FIGURE 25. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (IQ = 100μA)
FIGURE 26. VOLTAGE FOLLOWER LARGE SIGNAL PULSE
RESPONSE (IQ = 10μA)
Typical Performance Curves (Continued)
8
6
4
2
0
-2
-4
-6
020
40
60
80
100
120
TIME (
μs)
TA = +25°C, VSUPP = 10V
RL = 100kΩ, CL = 100pF
OUTPUT
INPUT
8
6
4
2
0
-2
-4
-6
0
200
400
600
800
1000
1200
TIME (
μs)
TA = +25°C, VSUPP = 10V
RL = 1MΩ, CL = 100pF
OUTPUT
INPUT
ICL7611, ICL7612


Similar Part No. - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Maxim Integrated Produc...
ICL7611DCPA MAXIM-ICL7611DCPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPA INTERSIL-ICL7611DCPA Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611DCPA RENESAS-ICL7611DCPA Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611DCPAZ INTERSIL-ICL7611DCPAZ Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7611DCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com