Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA-2118 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SPA-2118
Description  850 MHz 1 Watt Power Amplifier with Active Bias
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-2118 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SPA-2118 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 5Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EDS-102012 Rev F
Phone: (800) SMI-MMIC
http://www.sirenza.com
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
SPA-2118 850 MHz 1 Watt Power Amp.
26
28
30
32
34
36
0.8
0.85
0.9
0.95
1
24
28
32
36
40
0.8
0.85
0.9
0.95
1
-50
-40
-30
-20
-10
0
0.8
0.85
0.9
0.95
1
P1dB vs Frequency
GHz
850-950 MHz Application Circuit Data, I
CC=400mA, VCC=5V
Input/Output Return Loss,
Isolation vs Frequency
GHz
GHz
Gain vs. Frequency
S11
S12
S22
-40C
25C
85C
-40C
25C
85C
T=+25°C
0
100
200
300
400
500
600
0123456
25C
-40C
85C
Device Current vs. Source Voltage
V
cc (V)


Similar Part No. - SPA-2118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-2118

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com