Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA-1318 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SPA-1318
Description  2150 MHz 1 Watt Power Amplifier with Active Bias
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-1318 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SPA-1318 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are
subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not
authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
1
Product Description
EDS-101429 Rev I
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Ct., Broomfield, CO 80021
SPA-1318
2150 MHz 1 Watt Power Amplifier
with Active Bias
Product Features
High Linearity Performance:
+20.1 dBm W-CDMA Channel Power
at -50 dBc ACP
+47 dBm Typ. OIP3
On-chip Active Bias Control
Power Control Allows Power Consumption
Reduction
Patented High Reliability GaAsHBT Technology
Surface-Mountable Plastic Package
Applications
W-CDMA Systems
Multi-Carrier Applications
Sirenza Microdevices’ SPA-1318 is a high efficiency GaAs
Heterojunction Bipolar Transistor (HBT) amplifier housed in
a low-cost surface-mountable plastic package. These HBT
amplifiers are fabricated using molecular beam epitaxial
growth technology which produces reliable and consistent
performance from wafer to wafer and lot to lot.
This product is specifically designed for use as a driver
amplifier for infrastructure equipment in the 2150 MHz PCS
band. Its high linearity makes it an ideal choice for multi-carrier
and digital applications.
l
o
b
m
y
S
:
s
n
o
i
t
i
d
n
o
C
t
s
e
T
:
s
r
e
t
e
m
a
r
a
P
Z
0
5
2
=
p
m
e
T
,
s
m
h
O
0
5
=
º
V
,
C
c
c
V
0
.
5
=
s
t
i
n
U
.
n
i
M
.
p
y
T
.
x
a
M
f
0
n
o
i
t
a
r
e
p
O
f
o
y
c
n
e
u
q
e
r
Fz
H
M0
1
1
20
7
1
2
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
]
2
,
1
[
m
B
d0
.
9
2
P
C
A
r
e
w
o
P
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
]
1
[
P
@
A
M
D
C
-
W
T
U
O
m
B
d
1
.
0
2
=
c
B
d0
.
0
5
-0
.
7
4
-
S
1
2
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
]
2
,
1
[
B
d5
.
1
15
.
2
15
.
3
1
R
W
S
VR
W
S
V
t
u
p
n
I
]
2
,
1
[
-1
:
5
.
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
]
2
[
m
B
d
4
1
+
=
e
n
o
t
r
e
p
t
u
o
r
e
w
o
P
m
B
d0
.
7
4
F
Ne
r
u
g
i
F
e
s
i
o
N
]
2
,
1
[
B
d0
.
7
c
c
It
n
e
r
r
u
C
e
c
i
v
e
D
]
2
,
1
[
A
m5
7
20
1
30
3
3
c
c
Ve
g
a
t
l
o
V
e
c
i
v
e
D
]
2
,
1
[
V5
7
.
40
.
55
2
.
5
R
l
-
j
,
h
t
T
,
)
d
a
e
l
-
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
L
C
º
5
8
=W
/
C
º5
3
VCC
VBIAS
RFIN
N/C
RFOUT/
VCC
Active
Bias
Input
Match
[1] Optimal ACP tune
[2] Optimal IP3 tune


Similar Part No. - SPA-1318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com