Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA2-5160-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA2-5160-5
Description  100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-5160-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA2-5160-5 Datasheet HTML 1Page - Intersil Corporation HA2-5160-5 Datasheet HTML 2Page - Intersil Corporation HA2-5160-5 Datasheet HTML 3Page - Intersil Corporation HA2-5160-5 Datasheet HTML 4Page - Intersil Corporation HA2-5160-5 Datasheet HTML 5Page - Intersil Corporation HA2-5160-5 Datasheet HTML 6Page - Intersil Corporation HA2-5160-5 Datasheet HTML 7Page - Intersil Corporation HA2-5160-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
HA-5160
100MHz, JFET Input, High Slew Rate,
Uncompensated, Operational Amplifier
The HA-5160 is a wideband, uncompensated, operational
amplifier with FET/Bipolar technologies and Dielectric
Isolation. This monolithic amplifier features superior high
frequency capabilities further enhanced by precision laser
trimming of the input stage to provide excellent input
characteristics. This device has excellent phase margin at a
closed loop gain of 10 without external compensation.
The HA-5160 offers a number of important advantages over
similar FET input op amps from other manufacturers. In
addition to superior bandwidth and settling characteristics,
the Intersil devices have nearly constant slew rate,
bandwidth, and settling characteristics over the operating
temperature range. This provides the user predictable
performance in applications where settling time, full power
bandwidth, closed loop bandwidth, or phase shift is critical.
Note also that Intersil specified all parameters at ambient
(rather than junction) temperature to provide the designer
meaningful data to predict actual operating performance.
Complementing the HA-5160’s predictable and excellent
dynamic characteristics are very low input offset voltage, very
low input bias current, and a very high input impedance. This
ideal combination of features make these amplifiers most
suitable for precision, high speed, data acquisition system
designs and for a wide variety of signal conditioning
applications. The HA-5160 provides excellent performance for
applications which require both precision and high speed
performance.
Military version (/883) data sheets are available upon
request.
Pinout
HA-5160 (METAL CAN)
TOP VIEW
Features
• Wide Gain Bandwidth (AV ≥ 10). . . . . . . . . . . . . . 100MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 120V/
µs
• Settling Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280ns
• Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 1.9MHz
• Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0mV
• Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20pA
• Compensation Pin for Unity Gain Capability
Applications
• Video and RF Amplifiers
• Data Acquisition
• Pulse Amplifiers
• Precision Signal Generation
NOTE: Case connected to V-.
COMPENSATION
2
4
6
1
3
7
5
8
+IN
-IN
V-
OUT
NC
V+
NC
+
-
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA2-5160-5 HA2-5160-5
0 to 75
8 Pin Metal Can T8.C
Data Sheet
November 30, 2005
FN2911.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA2-5160-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Renesas Technology Corp
HA2-5160-5 RENESAS-HA2-5160-5 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results

Similar Description - HA2-5160-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com