Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA7-5142-2 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA7-5142-2
Description  Dual, 400kHz, Ultra-Low Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5142-2 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA7-5142-2 Datasheet HTML 2Page - Intersil Corporation HA7-5142-2 Datasheet HTML 3Page - Intersil Corporation HA7-5142-2 Datasheet HTML 4Page - Intersil Corporation HA7-5142-2 Datasheet HTML 5Page - Intersil Corporation HA7-5142-2 Datasheet HTML 6Page - Intersil Corporation HA7-5142-2 Datasheet HTML 7Page - Intersil Corporation HA7-5142-2 Datasheet HTML 8Page - Intersil Corporation HA7-5142-2 Datasheet HTML 9Page - Intersil Corporation HA7-5142-2 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Die Characteristics
DIE DIMENSIONS:
104 mils x 55 mils x 19 mils
2650
µm x 1400µm x 483µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å ±2kÅ
PASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12k
Å ±2kÅ
Nitride Thickness: 3.5k
Å ±1.5kÅ
TRANSISTOR COUNT:
72
SUBSTRATE POTENTIAL (POWERED UP):
V-
PROCESS:
Bipolar/JFET Dielectric Isolation
Metallization Mask Layout
HA-5142
V-
+IN1
-IN1
OUT1
+IN2
-IN2
OUT2
NC
V+
HA-5142


Similar Part No. - HA7-5142-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-5142-2 INTERSIL-HA7-5142-2 Datasheet
774Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA7-5142-2 RENESAS-HA7-5142-2 Datasheet
768Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results

Similar Description - HA7-5142-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
774Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-5142 RENESAS-HA-5142 Datasheet
768Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
Intersil Corporation
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
   Dual, Ultra Low Power Operational Amplifier
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
   Ultra-Low Power Operational Amplifier
02/28/20
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com