Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA7-5142-2 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA7-5142-2
Description  Dual, 400kHz, Ultra-Low Power Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5142-2 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA7-5142-2 Datasheet HTML 2Page - Intersil Corporation HA7-5142-2 Datasheet HTML 3Page - Intersil Corporation HA7-5142-2 Datasheet HTML 4Page - Intersil Corporation HA7-5142-2 Datasheet HTML 5Page - Intersil Corporation HA7-5142-2 Datasheet HTML 6Page - Intersil Corporation HA7-5142-2 Datasheet HTML 7Page - Intersil Corporation HA7-5142-2 Datasheet HTML 8Page - Intersil Corporation HA7-5142-2 Datasheet HTML 9Page - Intersil Corporation HA7-5142-2 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FIGURE 8. INPUT NOISE vs FREQUENCY
FIGURE 9. MAXIMUM OUTPUT VOLTAGE SWING vs LOAD
RESISTANCE AND SINGLE SUPPLY VOLTAGE
FIGURE 10. PSRR AND CMRR vs FREQUENCY
FIGURE 11. POWER SUPPLY CURRENT vs TEMPERATURE
AND SINGLE SUPPLY VOLTAGE
FIGURE 12. CHANNEL SEPARATION vs FREQUENCY
Typical Performance Curves VS = ±2.5V, TA = 25oC, Unless Otherwise Specified
(Continued)
NOISE VOLTAGE
NOISE CURRENT
1000
100
10
1
1
1000
100
10
10,000
10
100
1K
10K
100K
FREQUENCY (Hz)
VSUPPLY = +10V
16
100
1K
10K
100K
VSUPPLY = +20V
VSUPPLY = +5V
VSUPPLY = +3V
14
12
10
8
6
4
2
-PSRR
+PSRR, CMRR
FREQUENCY (Hz)
140
120
100
80
40
20
0
10
60
100
1K
10K
100K
1M
80
70
60
50
40
30
20
10
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
VS = +30V
VS = +5V
VS = +3V
VS = +2V
-140
-120
-100
-80
-40
-20
0
100
1K
10K
100K
FREQUENCY (Hz)
+
-
-
+
100k
100k
VO1
VO2
1k
1k
1k
1k
CS = 20 LOG
V
O2
100 V
O1
------------------------



-60
HA-5142


Similar Part No. - HA7-5142-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-5142-2 INTERSIL-HA7-5142-2 Datasheet
774Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA7-5142-2 RENESAS-HA7-5142-2 Datasheet
768Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results

Similar Description - HA7-5142-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
774Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-5142 RENESAS-HA-5142 Datasheet
768Kb / 10P
   Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
Intersil Corporation
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
   Dual, Ultra Low Power Operational Amplifier
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
   Ultra-Low Power Operational Amplifier
02/28/20
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com