Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA2-2645-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA2-2645-5
Description  4MHz, High Supply Voltage Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2645-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA2-2645-5 Datasheet HTML 1Page - Intersil Corporation HA2-2645-5 Datasheet HTML 2Page - Intersil Corporation HA2-2645-5 Datasheet HTML 3Page - Intersil Corporation HA2-2645-5 Datasheet HTML 4Page - Intersil Corporation HA2-2645-5 Datasheet HTML 5Page - Intersil Corporation HA2-2645-5 Datasheet HTML 6Page - Intersil Corporation HA2-2645-5 Datasheet HTML 7Page - Intersil Corporation HA2-2645-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
HA-2640, HA-2645
4MHz, High Supply Voltage Operational
Amplifiers
HA-2640 and HA-2645 are monolithic operational amplifiers
which are designed to deliver unprecedented dynamic
specifications for a high voltage internally compensated
device. These dielectrically isolated devices offer very low
values for offset voltage and offset current coupled with
large output voltage swing and common mode input voltage.
For maximum reliability, these amplifiers offer unconditional
output overload protection through current limiting and a chip
temperature sensing circuit. This sensing device turns the
amplifier “off”, when the chip reaches a certain temperature
level.
These amplifiers deliver
±35V common mode input voltage
range,
±35V output voltage swing, and up to ±40V supply
range for use in such designs as regulators, power supplies,
and industrial control systems. 4MHz gain bandwidth and
5V/
µs slew rate make these devices excellent components
for high performance signal conditioning applications.
Outstanding input and output voltage swings coupled with a
low 5nA offset current make these amplifiers excitation
designs.
Features
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . . . .
±35V
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . .
±10V to ±40V
• Offset Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5nA
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V/
µs
• Common Mode Input Voltage Range. . . . . . . . . . . .
±35V
• Output Overload Protection
Applications
• Industrial Control Systems
• Power Supplies
• High Voltage Regulators
• Resolver Excitation
• Signal Conditioning
Pinouts
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG.
#
HA2-2640-2
HA2-2640-2
-55 to 125 8 Pin Metal Can T8.C
HA7-2640-2
HA7-2640-2
-55 to 125 8 Ld CERDIP
F8.3A
HA2-2645-5
HA2-2645-5
0 to 75
8 Pin Metal Can T8.C
HA7-2645-5
HA7-2645-5
0 to 75
8 Ld CERDIP
F8.3A
HA-2640/2645
(CERDIP)
TOP VIEW
HA-2640/2645
(METAL CAN)
TOP VIEW
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
COMP
V+
OUT
BAL
-
+
COMP
OUT
-IN
V-
BAL
+IN
V+
BAL
2
4
6
1
3
7
5
8
-
+
(TO-99 CASE VOLTAGE = FLOATING)
Data Sheet
January 3, 2006
FN2904.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2001, 2004, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA2-2645-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2645-5 INTERSIL-HA2-2645-5 Datasheet
89Kb / 6P
   4MHz, High Supply Voltage Operational Amplifiers
September 1998
logo
Renesas Technology Corp
HA2-2645-5 RENESAS-HA2-2645-5 Datasheet
577Kb / 9P
   4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
More results

Similar Description - HA2-2645-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640 Datasheet
89Kb / 6P
   4MHz, High Supply Voltage Operational Amplifiers
September 1998
logo
Renesas Technology Corp
HA-2640 RENESAS-HA-2640 Datasheet
577Kb / 9P
   4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
   SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com