Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2809N-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2809N-2
Description  Economy Primary Side Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2809N-2 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2809N-2 Datasheet HTML 1Page - Texas Instruments UCC2809N-2 Datasheet HTML 2Page - Texas Instruments UCC2809N-2 Datasheet HTML 3Page - Texas Instruments UCC2809N-2 Datasheet HTML 4Page - Texas Instruments UCC2809N-2 Datasheet HTML 5Page - Texas Instruments UCC2809N-2 Datasheet HTML 6Page - Texas Instruments UCC2809N-2 Datasheet HTML 7Page - Texas Instruments UCC2809N-2 Datasheet HTML 8Page - Texas Instruments UCC2809N-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
PIN DESCRIPTIONS
FB: This pin is the summing node for current sense
feedback, voltage sense feedback (by optocoupler) and
slope compensation. Slope compensation is derived
from the rising voltage at the timing capacitor and can be
buffered with an external small signal NPN transistor.
External high frequency filter capacitance applied from
this node to GND is discharged by an internal 250
W on
resistance NMOS FET during PWM off time and offers
effective leading edge blanking set by the RC time
constant of the feedback resistance from current sense
resistor to FB input and the high frequency filter capacitor
capacitance at this node to GND.
GND: Reference ground and power ground for all
functions.
OUT: This pin is the high current power driver output. A
minimum series gate resistor of 3.9
W is recommended to
limit the gate drive current when operating with high bias
voltages.
REF: The internal 5V reference output. This reference is
buffered and is available on the REF pin. REF should be
bypassed with a 0.47
mF ceramic capacitor.
RT1: This pin connects to timing resistor RT1 and
controls the positive ramp time of the internal oscillator
(Tr = 0.74
· (CT + 27pF) · RT1). The positive threshold of
the internal oscillator is sensed through inactive timing
resistor RT2 which connects to pin RT2 and timing
capacitor CT.
RT2: This pin connects to timing resistor RT2 and
controls the negative ramp time of the internal oscillator
(Tf = 0.74
· (CT + 27pF) · RT2). The negative threshold
of the internal oscillator is sensed through inactive timing
resistor RT1 which connects to pin RT1 and timing
capacitor CT.
SS: This pin serves two functions. The soft start timing
capacitor connects to SS and is charged by an internal
6
µA current source. Under normal soft start SS is
discharged to at least 0.4V and then ramps positive to 1V
during which time the output driver is held low. As SS
charges from 1V to 2V soft start is implemented by an
increasing output duty cycle. If SS is taken below 0.5V,
the output driver is inhibited and held low. The user
accessible 5V voltage reference also goes low and IVDD
< 100
mA.
VDD: The power input connection for this device. This
pin is shunt regulated at 17.5V which is sufficiently below
the voltage rating of the DMOS output driver stage. VDD
should be bypassed with a 1
mF ceramic capacitor.
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, CVREF = 0.47
mF, VDD = 12V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Soft Start Section
ISS
VDD = 16V, VSS = 0V; –40
°Cto +85°C
–4.9
–7.0
–9.1
mA
VDD = 16V, VSS = 0V;
< –40°C; >+85°C
–4.0
–7.0
–10.0
mA
VSS Low
VDD = 7.5V, ISS = 200
mA
0.2
V
Shutdown Threshold
0.44
0.48
0.52
V
Oscillator Section
Frequency
RT1 = 10k, RT2 = 4.32k, CT = 820pF
90
100
110
kHz
Frequency Change with Voltage
VDD = 10V to 15V
0.1
%/V
CT Peak Voltage
3.33
V
CT Valley Voltage
1.67
V
CT Peak to Peak Voltage
1.54
1.67
1.80
V
Output Section
Output VSAT Low
IOUT = 80mA (dc)
0.8
1.5
V
Output VSAT High
IOUT = –40mA (dc), VDD – OUT
0.8
1.5
V
Output Low Voltage During UVLO
IOUT = 20mA (dc)
1.5
V
Minimum Duty Cycle
VFB =2V
0
%
Maximum Duty Cycle
70
%
Rise Time
COUT = 1nF
35
ns
Fall Time
COUT = 1nF
18
ns
Note 1. Ensured by design. Not 100% production tested.


Similar Part No. - UCC2809N-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2809-1 TI-UCC2809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC2809-1 TI1-UCC2809-1 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UCC2809-2 TI-UCC2809-2 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC2809-2 TI1-UCC2809-2 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UCC2809D-1 TI-UCC2809D-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC2809N-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com