Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2544 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-2544
Description  50MHz, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2544 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA-2544 Datasheet HTML 3Page - Intersil Corporation HA-2544 Datasheet HTML 4Page - Intersil Corporation HA-2544 Datasheet HTML 5Page - Intersil Corporation HA-2544 Datasheet HTML 6Page - Intersil Corporation HA-2544 Datasheet HTML 7Page - Intersil Corporation HA-2544 Datasheet HTML 8Page - Intersil Corporation HA-2544 Datasheet HTML 9Page - Intersil Corporation HA-2544 Datasheet HTML 10Page - Intersil Corporation HA-2544 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 14. OUTPUT VOLTAGE SWING vs SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE AT VARIOUS GAINS
FIGURE 16. OUTPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 17. OPEN LOOP RESPONSE
FIGURE 18. SUPPLY CURRENT vs SUPPLY VOLTAGE
(NORMALIZED TO VS = ±15V AT 25
oC)
FIGURE 19. VOLTAGE FOLLOWER RESPONSE
Typical Performance Curves (Continued)
57
9
11
13
15
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
2
0
-2
-4
-6
-8
-10
-12
-55oC
25oC
125oC
+VOUT
-VOUT
FREQUENCY (Hz)
80
60
40
20
0
0
45
90
135
180
10K
100K
1M
10M
100M
1K
100
RL = 1kΩ , VS = ±15V
AV = 100
AV = 10
AV = -1
OPEN LOOP
AV = 100
AV = 10
AV = -1
OPEN LOOP
40
30
20
10
0
50
-10
57
9
11
13
15
SUPPLY VOLTAGE (
±V)
-20
-30
-40
-50
-55oC
25oC
125oC
FREQUENCY (Hz)
10K
100K
1M
10M
100M
1K
100
0
-45
-90
-135
-180
80
60
40
20
0
±8V
±5V
±8V
±15V
±5V
±15V
VOUT = ±100mV
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
57
9
11
13
15
SUPPLY VOLTAGE (
±V)
0.3
0.2
0.1
25oC
-55oC
125oC
AV = +1, VOUT = ±100mV
RL = 1kΩ , CL = ≤ 10pF
= ±8V
= ±15V
= ±5V
FREQUENCY (Hz)
10K
100K
1M
10M
100M
1K
100
6
3
0
-3
-6
0
-45
-90
-135
-180
HA-2544


Similar Part No. - HA-2544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
   50MHz, Video Operational Amplifier
April 1999
HA-2544/883 INTERSIL-HA-2544/883 Datasheet
44Kb / 5P
   Video Operational Amplifier
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
More results

Similar Description - HA-2544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
   50MHz, Video Operational Amplifier
April 1999
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com