Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2540 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2540
Description  400MHz, Fast Settling Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2540 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2540 Datasheet HTML 1Page - Intersil Corporation HA-2540 Datasheet HTML 2Page - Intersil Corporation HA-2540 Datasheet HTML 3Page - Intersil Corporation HA-2540 Datasheet HTML 4Page - Intersil Corporation HA-2540 Datasheet HTML 5Page - Intersil Corporation HA-2540 Datasheet HTML 6Page - Intersil Corporation HA-2540 Datasheet HTML 7Page - Intersil Corporation HA-2540 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current . . . . . . . . . . . . . . 33mARMS Continuous, 50mAPEAK
Operating Conditions
Temperature Range
HA-2540-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
75
20
Maximum Internal Power Dissipation (Note 1)
Maximum Junction Temperature (Ceramic Package) . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation with load conditions must be designed to maintain the maximum junction temperature below 175oC for the ceramic
package, and below 150oC for the plastic package. By using Application Note AN556 on Safe Operating Area Equations, along with the thermal
resistances, proper load conditions can be determined. Heat sinking is recommended above 75oC.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
PARAMETER
TEMP (oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
25
-
8
15
mV
Full
-
13
20
mV
Average Offset Voltage Drift
Full
-
20
-
µV/oC
Bias Current
25
-
5
20
µA
Full
-
-
25
µA
Offset Current
25
-
1
6
µA
Full
-
-
8
µA
Input Resistance
25
-
10
-
k
Input Capacitance
25
-
1
-
pF
Common Mode Range
Full
±10
-
-
V
Input Noise Current (f = 1kHz, RSOURCE = 0Ω)25
-
6
-
pA/
√Hz
Input Noise Voltage (f = 1kHz, RSOURCE = 0Ω)25
-
6
-
nV/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain (Note 3)
25
10
15
-
kV/V
Full
5
-
-
kV/V
Common-Mode Rejection Ratio (Note 4)
Full
60
72
-
dB
Minimum Stable Gain
25
10
-
-
V/V
Gain Bandwidth Product (Notes 5, 6)
25
-
400
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Notes 3, 10)
Full
±10
-
-
V
Output Current (Note 3)
25
±10
±20
-
mA
Output Resistance
25
-
30
-
Full Power Bandwidth (Notes 3, 7)
25
5.5
6
-
MHz
TRANSIENT RESPONSE (Note 8)
Rise Time
25
-
14
-
ns
Overshoot
25
-
5
-
%
Slew Rate
25
320
400
-
V/
µs
Settling Time: 10V Step to 0.1%
25
-
140
-
ns
HA-2540


Similar Part No. - HA-2540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results

Similar Description - HA-2540

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Elantec Semiconductor
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
   Wideband Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
   Fast Settling, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com