Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2374IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374IDR
Description  FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2374IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2374IDR Datasheet HTML 4Page - Texas Instruments TLV2374IDR Datasheet HTML 5Page - Texas Instruments TLV2374IDR Datasheet HTML 6Page - Texas Instruments TLV2374IDR Datasheet HTML 7Page - Texas Instruments TLV2374IDR Datasheet HTML 8Page - Texas Instruments TLV2374IDR Datasheet HTML 9Page - Texas Instruments TLV2374IDR Datasheet HTML 10Page - Texas Instruments TLV2374IDR Datasheet HTML 11Page - Texas Instruments TLV2374IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270D − MARCH 2001 − REVISED JANUARY 2005
8
WWW.TI.COM
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2, 3
CMRR
Common-mode rejection ratio
vs Frequency
4
Input bias and offset current
vs Free-air temperature
5
VOL
Low-level output voltage
vs Low-level output current
6, 8, 10
VOH
High-level output voltage
vs High-level output current
7, 9, 11
VO(PP)
Peak-to-peak output voltage
vs Frequency
12
IDD
Supply current
vs Supply voltage
13
PSRR
Power supply rejection ratio
vs Frequency
14
AVD
Differential voltage gain & phase
vs Frequency
15
Gain-bandwidth product
vs Free-air temperature
16
SR
Slew rate
vs Supply voltage
17
SR
Slew rate
vs Free-air temperature
18
φm
Phase margin
vs Capacitive load
19
Vn
Equivalent input noise voltage
vs Frequency
20
Voltage-follower large-signal pulse response
21, 22
Voltage-follower small-signal pulse response
23
Inverting large-signal response
24, 25
Inverting small-signal response
26
Crosstalk
vs Frequency
27
Shutdown forward & reverse isolation
vs Frequency
28
IDD(SHDN)
Shutdown supply current
vs Supply voltage
29
IDD(SHDN)
Shutdown pin leakage current
vs Shutdown pin voltage
30
IDD(SHDN)
Shutdown supply current/output voltage
vs Time
31, 32


Similar Part No. - TLV2374IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2374IDR TI1-TLV2374IDR Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2374IDRG4 TI1-TLV2374IDRG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
More results

Similar Description - TLV2374IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com