Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2505 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-2505
Description  12MHz, High Input Impedance, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2505 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-2505 Datasheet HTML 1Page - Intersil Corporation HA-2505 Datasheet HTML 2Page - Intersil Corporation HA-2505 Datasheet HTML 3Page - Intersil Corporation HA-2505 Datasheet HTML 4Page - Intersil Corporation HA-2505 Datasheet HTML 5Page - Intersil Corporation HA-2505 Datasheet HTML 6Page - Intersil Corporation HA-2505 Datasheet HTML 7Page - Intersil Corporation HA-2505 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range
HA-2505-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
96
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VS = ±15V
PARAMETER
TEMP
(oC)
HA-2505-5
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
4
8
mV
Full
-
-
10
mV
Offset Voltage Average Drift
Full
-
20
-
µV/oC
Bias Current
25
-
125
250
nA
Full
-
-
500
nA
Offset Current
25
-
20
50
nA
Full
-
-
100
nA
Input Resistance (Note 2)
25
20
50
-
M
Common Mode Range
Full
±10
-
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain (Notes 3, 6)
25
15
25
-
kV/V
Full
10
-
-
kV/V
Common Mode Rejection Ratio (Note 4)
Full
74
90
-
dB
Gain Bandwidth Product (Note 5)
25
-
12
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 3)
Full
±10
±12
-
V
Output Current (Note 6)
25
±10
±20
-
mA
Full Power Bandwidth (Notes 6, 11)
25
300
500
-
kHz
TRANSIENT RESPONSE
Rise Time (Notes 3, 7, 8, 9)
25
-
25
50
ns
Overshoot (Notes 3, 7, 8, 9)
25
-
25
50
%
Slew Rate (Notes 3, 7, 9, 12)
25
±20
±30
-
V/
µs
Settling Time to 0.1% (Notes 3, 7, 9, 12)
25
-
0.33
-
µs
POWER SUPPLY CHARACTERISTICS
Supply Current
25
-
4
6
mA
PSRR (Note 10)
Full
74
90
-
dB
NOTES:
2. This parameter value is based on design calculations.
3. RL = 2kΩ.
4. VCM = ±10V.
5. AV > 10.
6. VO = ±10V.
7. CL = 50pF.
8. VO = ±200mV.
9. See Transient Response Test Circuits and Waveforms.
10.
∆V = ±5V.
11. Full Power Bandwidth guaranteed based on slew rate measurement
using: FPBW = Slew Rate/2
πVPEAK.
12. VOUT = ±5V.
HA-2505


Similar Part No. - HA-2505

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 1999
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
More results

Similar Description - HA-2505

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2515 INTERSIL-HA-2515 Datasheet
209Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 1999
HA-2600 INTERSIL-HA-2600_06 Datasheet
318Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com