Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2406 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-2406
Description  30MHz, Digitally Selectable Four Channel Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2406 Datasheet(HTML) 7 Page - Intersil Corporation

  HA-2406_02 Datasheet HTML 1Page - Intersil Corporation HA-2406_02 Datasheet HTML 2Page - Intersil Corporation HA-2406_02 Datasheet HTML 3Page - Intersil Corporation HA-2406_02 Datasheet HTML 4Page - Intersil Corporation HA-2406_02 Datasheet HTML 5Page - Intersil Corporation HA-2406_02 Datasheet HTML 6Page - Intersil Corporation HA-2406_02 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
FN2892.5
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in JE-
DEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
CL
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
E16.3 (JEDEC MS-001-BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N16
16
9
Rev. 0 12/93
HA-2406


Similar Part No. - HA-2406_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results

Similar Description - HA-2406_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
   Selectable, Four Channel Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
logo
Wuxi Youda electronics ...
YD324 YOUDA-YD324 Datasheet
94Kb / 4P
   FOUR OPERATIONAL AMPLIFIER
logo
ELM Electronics
ELM381P ELM-ELM381P Datasheet
34Kb / 4P
   Digitally selectable delays
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com