Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC9P5504B-5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC9P5504B-5
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5504B-5 Datasheet(HTML) 3 Page - Intersil Corporation

  HC9P5504B-5 Datasheet HTML 1Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 2Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 3Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 4Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 5Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 6Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 7Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 8Page - Intersil Corporation HC9P5504B-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Loop Current During Power Denial
RL = 200Ω
-
±2-
mA
Dial Pulse Distortion
0-5
ms
Receive Input Impedance
(Note 3)
-
110
-
k
Transmit Output Impedance
(Note 3)
-
10
20
2-Wire Return Loss
Referenced to 600
Ω + 2.16µF (Note 3)
SRL LO
-15.5-
dB
ERL
-24-
dB
SRL HI
-31-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz (Note 3) IEEE Method
0°C
≤ TA ≤ 75°C
2-Wire Off Hook
58
65
-
dB
2-Wire On Hook
60
63
-
dB
4-Wire Off Hook
50
58
-
dB
Low Frequency Longitudinal Balance
R.E.A. Method (Note 3), RL = 600Ω
0°C
≤ TA ≤ 75°C
-
-
23
dBrnC
--
-67
dBm0p
Insertion Loss
at 1kHz, 0dBm Input Level, Referenced 600
2-Wire to 4-Wire, 4 Wire to 2-Wire
-
±0.05
±0.2
dB
Frequency Response
200Hz - 3400Hz Referenced to Absolute Loss at
1kHz and 0dBm Signal Level (Note 3)
-
±0.02
±0.05
dB
Idle Channel Noise
(Note 3)
2-Wire to 4-Wire, 4 Wire to 2-Wire
-1
5
dBrnC
-
-89
-85
dBm0p
Absolute Delay
(Note 3)
2-Wire to 4-Wire, 4 Wire to 2-Wire
--
2
ms
Trans Hybrid Loss
Balance Network Set Up for 600
Ω Termination at
1kHz
36
40
-
dB
Overload Level
VB+ = +5V
1.5
-
-
VPEAK
2-Wire to 4-Wire, 4 Wire to 2-Wire
VB+ = 12V
1.75
-
-
VPEAK
Level Linearity
At 1kHz Referenced to 0dBm Level (Note 3)
2-Wire to 4-Wire, 4 Wire to 2-Wire
+3 to -40dBm
-
-
±0.05
dB
-40 to -50dBm
-
-
±0.1
dB
-50 to -55dBm
-
-
±0.3
dB
Power Supply Rejection Ratio
(Note 3)
VB+ to 2-Wire
30 - 60Hz, RL = 600Ω
15
-
-
dB
VB+ to Transmit
15
-
-
dB
VB- to 2-Wire
15
-
-
dB
VB- to Transmit
15
-
-
dB
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC-5504B


Similar Part No. - HC9P5504B-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5504B-5 INTERSIL-HC9P5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC9P5504B-5 INTERSIL-HC9P5504B-5 Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC9P5504B-5 RENESAS-HC9P5504B-5 Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC9P5504B-5Z INTERSIL-HC9P5504B-5Z Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC9P5504B-5Z RENESAS-HC9P5504B-5Z Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
More results

Similar Description - HC9P5504B-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com