Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3702 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF3702
Description  1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3702 Datasheet(HTML) 1 Page - Texas Instruments

  TRF3702_07 Datasheet HTML 1Page - Texas Instruments TRF3702_07 Datasheet HTML 2Page - Texas Instruments TRF3702_07 Datasheet HTML 3Page - Texas Instruments TRF3702_07 Datasheet HTML 4Page - Texas Instruments TRF3702_07 Datasheet HTML 5Page - Texas Instruments TRF3702_07 Datasheet HTML 6Page - Texas Instruments TRF3702_07 Datasheet HTML 7Page - Texas Instruments TRF3702_07 Datasheet HTML 8Page - Texas Instruments TRF3702_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
FEATURES
APPLICATIONS
1 16 15 14 13
5
6
7 8
9
2
3
4
12
11
10
GND
GND
VCC
GND
GND
LO
RHC PACKAGE
(TOP VIEW)
P0003-01
DESCRIPTION
TRF3702
SLWS149A – SEPTEMBER 2004 – REVISED AUGUST 2006
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
71-dBc Single-Carrier WCDMA ACPR at
–14-dBm Channel Power
P1dB of 7 dBm
Typical Unadjusted Carrier Suppression
35 dBc at 2 GHz
Typical Unadjusted Sideband Suppression
35 dBc at 2 GHz
Very Low Noise Floor
Differential or Single-Ended I, Q Inputs
Convenient Single-Ended LO Input
Silicon Germanium Technology
Cellular Base Transceiver Station Transmit
Channel
IF Sampling Applications
TDMA: GSM, IS-136, EDGE/UWC-136
CDMA: IS-95, UMTS, CDMA2000
Wireless Local Loop
Wireless LAN IEEE 802.11
LMDS, MMDS
Wideband Transceivers
The TRF3702 is an ultralow-noise direct quadrature modulator that is capable of converting complex input
signals from baseband or IF directly up to RF. An internal analog combiner sums the real and imaginary
components of the RF outputs. This combined output can feed the RF preamp at frequencies of up to 2.5 GHz.
The modulator is implemented as a double-balanced mixer. An internal local oscillator (LO) phase splitter
accommodates a single-ended LO input, eliminating the need for a costly external balun.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF3702_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702IRHC TI-TRF3702IRHC Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHC TI-TRF3702IRHC Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCG4 TI-TRF3702IRHCG4 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702IRHCR TI-TRF3702IRHCR Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3702_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com