Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1223IRTMT Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1223IRTMT
Description  3.3-GHz To 3.8-GHz 1-W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1223IRTMT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1223IRTMT Datasheet HTML 3Page - Texas Instruments TRF1223IRTMT Datasheet HTML 4Page - Texas Instruments TRF1223IRTMT Datasheet HTML 5Page - Texas Instruments TRF1223IRTMT Datasheet HTML 6Page - Texas Instruments TRF1223IRTMT Datasheet HTML 7Page - Texas Instruments TRF1223IRTMT Datasheet HTML 8Page - Texas Instruments TRF1223IRTMT Datasheet HTML 9Page - Texas Instruments TRF1223IRTMT Datasheet HTML 10Page - Texas Instruments TRF1223IRTMT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
0.25 TYP
0.75 TYP
0.75 TYP
SOLDER MASK: NO SOLDERMASK UNDER CHIP, ON LEAD PADS
OR ON GROUND CONNECTIONS.
25 VIA HOLES, MIN, EACH 0.38 mm.
DIMENSIONS in mm
DIA 0.38
TYP
0.60 TYP
3.50
3.50
3.80
0.50 TYP
0.20 TYP
PIN 1
Additional Copper
Ground and via Holes at
Customer Discreation
8 Mil
Prepreg
Dia 15 Mil
10 Mil Core FR4
10 Mil Core FR4
1 oz Copper
1 oz Copper
DuPont CB 100 Conductive Via Plug
1/2 oz Copper Plated
1 oz Copper + 1/2 oz Copper Plated
Upper and Lower Surfaces
35 Mil
TRF1223
SLWS166C – APRIL 2005 – REVISED MARCH 2007
Figure 6. Recommended Pad Layout
Figure 7. Via Cross Section
7
Submit Documentation Feedback


Similar Part No. - TRF1223IRTMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
More results

Similar Description - TRF1223IRTMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
   SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com