Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4094BP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4094BP
Description  8-stage shift-and-store bus register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4094BP Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4094BP Datasheet HTML 1Page - NXP Semiconductors HEF4094BP Datasheet HTML 2Page - NXP Semiconductors HEF4094BP Datasheet HTML 3Page - NXP Semiconductors HEF4094BP Datasheet HTML 4Page - NXP Semiconductors HEF4094BP Datasheet HTML 5Page - NXP Semiconductors HEF4094BP Datasheet HTML 6Page - NXP Semiconductors HEF4094BP Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
January 1995
5
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
HEF4094B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ Os
5
135
270
ns
108 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
65
130
ns
54 ns
+ (0,23 ns/pF) CL
15
50
100
ns
42 ns
+ (0,16 ns/pF) CL
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CP
→ O’s
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CP
→ On
5
165
330
ns
138 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
75
150
ns
64 ns
+ (0,23 ns/pF) CL
15
55
110
ns
47 ns
+ (0,16 ns/pF) CL
5
150
300
ns
123 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
70
140
ns
59 ns
+ (0,23 ns/pF) CL
15
55
110
ns
47 ns
+ (0,16 ns/pF) CL
STR
→ On
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
5
100
200
ns
73 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL


Similar Part No. - HEF4094BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094BP NXP-HEF4094BP Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094BP NXP-HEF4094BP Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
HEF4094BP NXP-HEF4094BP Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
HEF4094BP PHILIPS-HEF4094BP Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results

Similar Description - HEF4094BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com