Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1216IRGPRG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF1216IRGPRG3
Description  3.5-GHz, HIGH DYNAMIC RANGE, LOW-NOISE DOWN-CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1216IRGPRG3 Datasheet(HTML) 2 Page - Texas Instruments

  TRF1216IRGPRG3 Datasheet HTML 1Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 2Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 3Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 4Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 5Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 6Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 7Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 8Page - Texas Instruments TRF1216IRGPRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
BLOCK DIAGRAM
LNAI
Mixer
Dual Stage-LNA
LO Buffer
VGA
LOP
VDD1
RFAGC
LON
BALUN
LNAO MXRI
IFOP
IFON
RFATTN
VDDLO
IFB
VDDIF
VDD2
GND
B0084-01
TRF1216
SLWS172A – APRIL 2005 – REVISED DECEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The detailed block diagram and the pin-out of the ASIC are shown in Figure 1 and Table 1.
Figure 1. Detailed Block Diagram of TRF1216
TERMINAL FUNCTIONS
TERMINAL
I/O
TYPE
DESCRIPTION
NO.
NAME
1
LNAO
O
Analog
LNA Output, 50
Ω, ac-coupled
2
VDD1
I
Power
LNA1 DC Bias (+5 V nominal)
3, 4, 6, 9,
GND
Ground
16, 19
5
LNAI
I
Analog
RF input – Needs dc block and input matching for optimum noise figure
7
LOP
I
Analog
LO input positive, ac coupled
8
LON
I
Analog
LO input negative, ac coupled
10
VDDLO
I
Power
LO DC Bias (+5 V nominal)
Not connected for normal operation. IF Bias Adjustment. Do not ground this pin or connect to any
11
IFB
other pin.
12
VDDIF
I
Power
IF Bias Network dc Bias (+5 V nominal)
13
IFON
O
Analog
IF output and bias (see the application schematic for connections).
14
IFOP
O
Analog
IF output and bias (see the application schematic for connections).
Input voltage for analog gain control VRFAGC = 0 V to 1.5 V Max gain at VRFAGC = 0 V Min gain at
15
RFAGC
I
Analog
VRFAGC = 1.5 V
TTL control for switched attenuator TTL low – Attenuator switched in TTL high – Attenuator
17
RFATTN
I
Digital
switched out
18
MXRI
I
Analog
Mixer Input 50
20
VDD2
Power
LNA2 dc bias (+5 V nominal)
Back
GND
Back of package has metal base that must be grounded for thermal and RF performance.
2


Similar Part No. - TRF1216IRGPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
More results

Similar Description - TRF1216IRGPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
TRF1115 TI-TRF1115 Datasheet
392Kb / 11P
[Old version datasheet]   2.5-GHz, High Dynamic Range, Low-Noise Down-Converter
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com